データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC128641-TRLGS3N データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 LC128641-TRLGS3N
部品情報  LCD Module Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LC128641-TRLGS3N データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LC128641-TRLGS3N Datasheet HTML 4Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 5Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 6Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 7Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 8Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 9Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 10Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 11Page - List of Unclassifed Manufacturers LC128641-TRLGS3N Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LG128642-BMDWH6V
- 8 -
E
R/W
RS
Output
Address
Register
DB0~DB7
N
N+1
N+2
Data at address N
Data at address N+1
Busy
check
address N
Write
Read data
(dumy)
Busy
check
Read data
address N
Busy
check
Read data
address N+1
Busy
check
MPU Read Timing
4.3 Reset
The system can be initialized by setting /RST terminal at low level when turning power on.
When /RST becomes low, following procedure is occurred.
1. Display off
2. Display start line register is set by 0. (Z-address 0)
While /RST is low level, no instruction except status read can be accepted. Reset status
appears at DB4 of status byte, after DB4 becomes
“L”, any instruction can be accepted.
The conditions of power supply at initial power up are shown below.
Item
Symbol
Min.
Typ.
Max.
Unit
Reset time
tRS
1.0
--
--
μs
Rise time
tR
--
--
200
ns
t
t
RS
R
0.3V
0.7V
V DD
DD
DD
/RST
4.5V
4.4 Busy Flag
Busy flag indicates the system is now internally operating or not. When busy flag is
“H”,
the system is in internal operation. When busy flag is
“L”, the system can accept data or
instruction. Busy flag is read out on DB7 by the Status Read instruction.


同様の部品番号 - LC128641-TRLGS3N

メーカー部品番号データシート部品情報
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
More results

同様の説明 - LC128641-TRLGS3N

メーカー部品番号データシート部品情報
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com