データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6120A2 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPA6120A2
部品情報  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2 データシート(HTML) 8 Page - Texas Instruments

Back Button TPA6120A2_08 Datasheet HTML 4Page - Texas Instruments TPA6120A2_08 Datasheet HTML 5Page - Texas Instruments TPA6120A2_08 Datasheet HTML 6Page - Texas Instruments TPA6120A2_08 Datasheet HTML 7Page - Texas Instruments TPA6120A2_08 Datasheet HTML 8Page - Texas Instruments TPA6120A2_08 Datasheet HTML 9Page - Texas Instruments TPA6120A2_08 Datasheet HTML 10Page - Texas Instruments TPA6120A2_08 Datasheet HTML 11Page - Texas Instruments TPA6120A2_08 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
0.01
1
10
0.01
0.1
2
0.0001
0.001
0.1
PO − Output Power − W
VCC = +15 V
VCC = +12 V
1
RL = 64 W,
Gain = 2 V/V,
f = 1 kHz,
RF = 1 kW,
RI = 1 kW,
BW = 80 kHz
0.01
1
10
0.01
3
0.0001
0.001
0.1
PO − Output Power − W
VCC = +15 V
VCC = +12 V
0.1
1
2
4
RL = 32 W,
Gain = 2 V/V,
f = 1 kHz,
RF = 1 kW,
RI = 1 kW,
BW = 80 kHz
−90
−80
−70
−60
−50
−40
−30
−20
0
10
100
1 k
10 k
50 k
32 W
f − Frequency − Hz
64 W
−10
VCC = +12 V,
V(ripple) = 1 VPP,
Gain = 2 V/V
BW = 80 kHz
Representative of both positive and
negative supplies.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.5
1
1.5
2
2.5
3
3.5
VCC = +15 V, RL = 32 W
VCC = +15 V,
RL = 64 W
VCC = +12 V,
RL = 64 W
VCC = +12 V, RL = 32 W
PO − Output Power − W
Mono Operation
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 7.
Figure 8.
POWER DISSIPATION
SUPPLY VOLTAGE REJECTION RATIO
vs
vs
OUTPUT POWER
FREQUENCY
Figure 9.
Figure 10.
8


同様の部品番号 - TPA6120A2_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
More results

同様の説明 - TPA6120A2_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com