データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC9223B082DR データシート(PDF) 6 Page - Torex Semiconductor

部品番号 XC9223B082DR
部品情報  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223B082DR データシート(HTML) 6 Page - Torex Semiconductor

  XC9223B082DR Datasheet HTML 1Page - Torex Semiconductor XC9223B082DR Datasheet HTML 2Page - Torex Semiconductor XC9223B082DR Datasheet HTML 3Page - Torex Semiconductor XC9223B082DR Datasheet HTML 4Page - Torex Semiconductor XC9223B082DR Datasheet HTML 5Page - Torex Semiconductor XC9223B082DR Datasheet HTML 6Page - Torex Semiconductor XC9223B082DR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet
6
DC000019
XC9223/9224 Series
1A Driver Transistor Built-In Step-Down DC/DC Converters
Preliminary
ELECTRICIAL CHARACTERISTICS (Continued)
XC9223B081xx (Continued)
Topr=25OC
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Detect Voltage
VDF
Voltage which VDOUT becomes ”H” ”L”
-
0.700
-
V
-
Release Voltage
VDR
Voltage which VDOUT becomes ”L” ”H”
-
0.745
-
V
-
Hysteresis Voltage
VHYS
VHYS=(VDR-VDF)/VDF x 100
-
6
-
%
-
Output Current
IDOUT
VDIN=VDF x 0.9, apply 0.5V to VDOUT
-
2.5
-
mA
-
Delay Time
TDLY
Time until VDOUT becomes “L”
“H”
-
2
-
ms
-
VDIN “H” Current
IVDINH
VIN=CE=VDIN=6.0V
-
-
0.1
µA
-
VDIN “L” Current
IVDINL
VIN=CE=6.0V, VDIN=0V
-0.1
-
-
µA
-
VDOUT “H” Current
IVDOUTH
VIN=VDIN=VDOUT=6.0V
-
-
1.0
µA
-
VDOUT “L” Current
IVDOUTL
VIN=VDIN=6.0V, VDOUT=0V
-1.0
-
-
µA
-
Test Condition: Unless otherwise stated, VIN=3.6V.
NOTE:
*1: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*2: Including hysteresis operating voltage range.
*3: EFFI = { ( output voltage x output current ) / ( input voltage x input current) } x 100
*4: On resistance (
Ω)= Lx pin measurement voltage / 100mA
*5: Time until it short-circuits Lx with GND through 1
Ω of resistance from a state of operation and is set to Lx=Low from current limit pulse generating.
*6: Integral latch circuit: Latch time may become longer and latch operation may not work when VIN is 3.0V or more.
*7: When temperature is high, a current of approximately 50
µA (maximum) may leak.
OPERATIONAL EXPLANATION
Each unit of the XC9223/9224 series consists of a reference voltage source, a ramp wave circuit, error amplifier, PWM comparator, phase compensation
circuit, output voltage adjustment resistors, P-channel MOS driver transistor, N-channel MOS synchronous rectification switching transistor, current limiter
circuit, U.V.L.O. circuit and others. The series compares, using the error amplifier, the internal reference voltage to the CE pin with the voltage fedback from
the VOUT pin via resistors RFB1 and RFB2. Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM
comparator to determine the turn-on time during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error
amplifier with the ramp wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the Lx pin to output a switching
duty cycle. This process is continuously performed to ensure stable output voltage. The current feedback circuit monitors the P-channel MOS driver
transistor current for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. This enables a stable
feedback loop even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
<Reference Voltage Source>
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
<Ramp Wave Circuit>
The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from 1.0MHz and 2.0MHz. Clock pulses
generated in this circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal circuits.
<Error Amplifier>
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback voltage divided by the internal
resistors (RFB1 and RFB2). When a voltage lower than the reference voltage is fed back, the output voltage of the error amplifier increases. The gain and
frequency characteristics of the error amplifier output are fixed internally to deliver an optimized signal to the mixer.


同様の部品番号 - XC9223B082DR

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DR TOREX-XC9223B01DR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01SL TOREX-XC9223B01SL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

同様の説明 - XC9223B082DR

メーカー部品番号データシート部品情報
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com