データシートサーチシステム |
|
SN74ABT651DWE4 データシート(PDF) 2 Page - Texas Instruments |
|
SN74ABT651DWE4 データシート(HTML) 2 Page - Texas Instruments |
2 / 14 page SN54ABT651, SN74ABT651 OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS SCBS083E – JANUARY 1991 – REVISED APRIL 1998 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The SN54ABT651 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT651 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE INPUTS DATA I/O OPERATION OR FUNCTION OEAB OEBA CLKAB CLKBA SAB SBA A1–A8 B1–B8 OPERATION OR FUNCTION L H H or L H or L X X Input Input Isolation L H ↑↑ X X Input Input Store A and B data X H ↑ H or L X X Input Unspecified† Store A, hold B H H ↑↑ X‡ X Input Output Store A in both registers L X H or L ↑ X X Unspecified† Input Hold A, store B L L ↑↑ XX‡ Output Input Store B in both registers L L X X X L Output Input Real-time B data to A bus L L X H or L X H Output Input Stored B data to A bus H H X X L X Input Output Real-time A data to B bus H H H or L X H X Input Output Stored A data to B bus H L H or L H or L H H Output Output Stored A data to B bus and stored B data to A bus † The data output functions may be enabled or disabled by a variety of level combinations at OEAB or OEBA. Data input functions are always enabled; i.e., data at the bus terminals is stored on every low-to-high transition of the clock inputs. ‡ When select control is low, clocks can occur simultaneously if allowances are made for propagation delays from A to B (B to A) plus setup and hold times. When select control is high, clocks must be staggered to load both registers. |
同様の部品番号 - SN74ABT651DWE4 |
|
同様の説明 - SN74ABT651DWE4 |