データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HCT86B1R データシート(PDF) 2 Page - STMicroelectronics

部品番号 M74HCT86B1R
部品情報  QUAD EXCLUSIVE OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT86B1R データシート(HTML) 2 Page - STMicroelectronics

  M74HCT86B1R Datasheet HTML 1Page - STMicroelectronics M74HCT86B1R Datasheet HTML 2Page - STMicroelectronics M74HCT86B1R Datasheet HTML 3Page - STMicroelectronics M74HCT86B1R Datasheet HTML 4Page - STMicroelectronics M74HCT86B1R Datasheet HTML 5Page - STMicroelectronics M74HCT86B1R Datasheet HTML 6Page - STMicroelectronics M74HCT86B1R Datasheet HTML 7Page - STMicroelectronics M74HCT86B1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M74HCT86
2/8
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 9, 12
1A to 4A
Data Inputs
2, 5, 10, 13
1B to 4B
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABY
LLL
LH
H
HL
H
HH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time (VCC = 4.5 to 5.5V)
0 to 500
ns


同様の部品番号 - M74HCT86B1R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HCT86B1R STMICROELECTRONICS-M74HCT86B1R Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
More results

同様の説明 - M74HCT86B1R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com