データシートサーチシステム |
|
M74HCT75TTR データシート(PDF) 3 Page - STMicroelectronics |
|
M74HCT75TTR データシート(HTML) 3 Page - STMicroelectronics |
3 / 9 page M74HCT75 3/9 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied (*) 500mW at 65 °C; derate to 300mW by 10mW/°C from 65°C to 85°C RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 500(*) mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 300 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr, tf Input Rise and Fall Time (VCC = 4.5 to 5.5V) 0 to 500 ns |
同様の部品番号 - M74HCT75TTR |
|
同様の説明 - M74HCT75TTR |