データシートサーチシステム |
|
TC15-11EWA データシート(PDF) 2 Page - Kingbright Corporation |
|
TC15-11EWA データシート(HTML) 2 Page - Kingbright Corporation |
2 / 4 page SPEC NO: DSAD2447 REV NO: V.8 DATE: MAY/24/2007 PAGE: 2 OF 4 APPROVED: WYNEC CHECKED: Joe Lee DRAWN: Y.L.LI ERP: 1332000533 Selection Guide Note: 1. Luminous intensity/ luminous Flux: +/-15%. Absolute Maximum Ratings at TA=25°C Electrical / Optical Characteristics at TA=25°C Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V. Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base. Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. Typ. TC15-11EWA High Efficiency Red (GaAsP/GaP) WHITE DIFFUSED 3000 12500 Column Ca thode Description Symbol Parameter Device Typ. Max. Units Test Conditions λpeak Peak Wavelength High Efficiency Red 627 nm IF=20mA λD [1] Dominant Wavelength High Efficiency Red 625 nm IF=20mA Δλ1/2 Spectral Line Half-width High Efficiency Red 45 nm IF=20mA C Capacitance High Efficiency Red 15 pF VF=0V;f=1MHz VF [2] Forward Voltage High Efficiency Red 2.0 2.5 V IF=20mA IR Reverse Current High Efficiency Red 10 uA VR=5V Parameter High Efficiency Red Units Power dissipation 75 mW DC Forward Current 30 mA Peak Forward Current [1] 160 mA Reverse Voltage 5 V Operating / Storage Temperature -40°C To +85°C Lead Solder Temperature[2] 260°C For 3-5 Seconds |
同様の部品番号 - TC15-11EWA |
|
同様の説明 - TC15-11EWA |