データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMXB-2102 データシート(PDF) 7 Page - Sanken electric

部品番号 FMXB-2102
部品情報  Fast Recovery Diode with built-in SBD for temperature detection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMXB-2102 データシート(HTML) 7 Page - Sanken electric

  FMXB-2102 Datasheet HTML 1Page - Sanken electric FMXB-2102 Datasheet HTML 2Page - Sanken electric FMXB-2102 Datasheet HTML 3Page - Sanken electric FMXB-2102 Datasheet HTML 4Page - Sanken electric FMXB-2102 Datasheet HTML 5Page - Sanken electric FMXB-2102 Datasheet HTML 6Page - Sanken electric FMXB-2102 Datasheet HTML 7Page - Sanken electric FMXB-2102 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Fast Recovery Diode with built-in SBD for temperature detection
FMXB-2102
December, 2005
Sanken Electric Co.,Ltd.
D01-005EA-051215
Europe
France
Allegro MicroSystems Europe
Les Pleiades, Park Nord Annecy, 74370 Metz-Tessy, France
Tel: 33-450512359
Fax: 33-450512083
United Kingdom
Allegro MicroSystems Europe Limited
Balfour House, Churchfield Road, Walton-on-Thames, Surrey KT12 2TD, U.K.
Tel: 44-1932-253355
Fax: 44-1932-246622
North America
United States
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Worcester, Massachusetts 01606, U.S.A.
Tel: 1-508-853-5000
Fax: 1-508-853-3353
Allegro MicroSystems, Inc. (Southern California)
14 Hughes Street, Suite B105, Irvine, CA 92618
Tel: 1-949-460-2003
Fax: 1-949-460-7837
7/8


同様の部品番号 - FMXB-2102

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FMX-008P102 ETC2-FMX-008P102 Datasheet
3Mb / 39P
   Code for Special Contacts
FMX-008S102 ETC2-FMX-008S102 Datasheet
3Mb / 39P
   Code for Special Contacts
logo
Gulf Semiconductor
FMX-05D GULFSEMI-FMX-05D Datasheet
68Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
FMX-10D GULFSEMI-FMX-10D Datasheet
115Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
logo
Sanken electric
FMX-1106S SANKEN-FMX-1106S Datasheet
147Kb / 4P
   Silicon Diode
More results

同様の説明 - FMXB-2102

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
   Built-In Detection Voltage Hysteresis
logo
Omron Electronics LLC
W2GF-02 OMRON-W2GF-02 Datasheet
190Kb / 4P
   Built-in type ideal for touch detection in gaming machines.
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Shenzhen Huazhimei Semi...
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
logo
Toshiba Semiconductor
TA31145FNG TOSHIBA-TA31145FNG Datasheet
577Kb / 14P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
TA31142FNG TOSHIBA-TA31142FNG Datasheet
510Kb / 13P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com