データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

541-1209 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 541-1209
部品情報  NTC Thermistors,Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

541-1209 データシート(HTML) 4 Page - Vishay Siliconix

  541-1209 Datasheet HTML 1Page - Vishay Siliconix 541-1209 Datasheet HTML 2Page - Vishay Siliconix 541-1209 Datasheet HTML 3Page - Vishay Siliconix 541-1209 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
21
M, C, T
Vishay Dale
Document Number: 33003
Revision 22-Sep-04
For technical questions, contact thermistor1@vishay.com
The standard leaded thermistors are calibrated and tested at 25°C to a tolerance of ± 5% or ± 10%; however, tighter tolerance,
point matched thermistors are readily available as are special point match temperatures to fit your application.
Since these thermistors have only one controlled point of reference ( the point match temperature ), the resistance at other
temperatures is given by the "Resistance VS Temperature Conversion Tables" for the appropriate material curve. The resistance
value at any temperature is the ratio factor times the resistance at 25°C.
Example: 1M1002-5, +70°C resistance = (Resistance factor for curve 1 at 70°C is .1990) X (10000 ohm resistance at 25°C)
= 1990 ohms.
The tolerance of the resistance at any temperature is described by Figure 2.
Point match resistance tolerances at temperatures other than
25ºC are not the same as the calibration temperature. This
difference is presented in Figure 2.
The tolerance at any given temperature is the point match
tolerance + the MT ±% (Manufacturing Tolerance).
The MT ±% may be obtained from the R vs. T Conversion
tables and is added to the point match temperature, i.e., ±
1% Tol. at 25ºC + ± 2.6% at -30ºC for Curve 1 equals a total
tolerance of ± 3.6% at -30ºC.
A spreadsheet is available for the Vishay Thermistor Materials that calculates Beta, Steinhart-Hart Equation Constants A, B,
and C, the resistance at any temperature based upon the Steinhart constants or Beta, the temperature equivalent of the
resistance reading, and resistance temperature coefficients.
This spread sheet will also calculate the total resistance tolerance of any point matched thermistor for temperatures in 10ºC
increments, and the resistance tolerance at any temperature within the calibrated range of curve tracking thermistors. Please
contact factory if interested in this Excel™ spreadsheet.
POINT MATCH TOLERANCE
COMPUTER AIDS FOR THERMISTOR SELECTION
FIGURE 2
POINT MATCH TOLERANCES VS. TEMPERATURE
TEMPERATURE
25
°C
NOMINAL R VS. T
MAX. R VS. T
MIN. R VS. T
PIVOT POINT
(CALIBRATION TEMPERATURE)
NTC Thermistors, Coated


同様の部品番号 - 541-1209

メーカー部品番号データシート部品情報
logo
Texas Instruments
541-12JCT-ND TI-541-12JCT-ND Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

同様の説明 - 541-1209

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
01C5001JP VISHAY-01C5001JP Datasheet
132Kb / 6P
   NTC Thermistors, Coated
Revision 22-Sep-04
01T1002FP VISHAY-01T1002FP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
logo
EPCOS
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
B57238S0259M000 EPCOS-B57238S0259M000_11 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com