データシートサーチシステム |
|
SN74ABT573APWE4 データシート(PDF) 4 Page - Texas Instruments |
|
SN74ABT573APWE4 データシート(HTML) 4 Page - Texas Instruments |
4 / 24 page SN54ABT573, SN74ABT573A OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCBS190F − JANUARY 1991 − REVISED SEPTEMBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT573 SN74ABT573A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.2 −1.2 −1.2 V VCC = 4.5 V, IOH = −3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = −3 mA 3 3 3 V VOH VCC = 4.5 V IOH = −24 mA 2 2 V VCC = 4.5 V IOH = −32 mA 2* 2 VOL VCC = 4.5 V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II VCC = 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA IOZH VCC = 5.5 V, VO = 2.7 V 10‡ 10‡ 10‡ µA IOZL VCC = 5.5 V, VO = 0.5 V −10‡ −10‡ −10‡ µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA IO§ VCC = 5.5 V, VO = 2.5 V −50 −100 −180 −50 −180 −50 −180 mA VCC = 5.5 V, IO = 0, Outputs high 1 250 250 250 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND Outputs low 24 30 30 30 mA ICC VI = VCC or GND Outputs disabled 0.5 250 250 250 µA ∆ICC¶ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 mA Ci VI = 2.5 V or 0.5 V 3.5 pF Co VO = 2.5 V or 0.5 V 6.5 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ This data sheet limit may vary among suppliers. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) SN54ABT573 VCC = 5 V, TA = 25°C MIN MAX UNIT MIN MAX MIN MAX tw Pulse duration, LE high 3.3 3.3 ns tsu Setup time, data before LE ↓ High 1.9 2.5 ns tsu Setup time, data before LE ↓ Low 1.5 2.5 ns th Hold time, data after LE ↓ 1 2.5 ns |
同様の部品番号 - SN74ABT573APWE4 |
|
同様の説明 - SN74ABT573APWE4 |