データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZY7007 データシート(PDF) 11 Page - Power-One

部品番号 ZY7007
部品情報  7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7007 データシート(HTML) 11 Page - Power-One

Back Button ZY7007 Datasheet HTML 7Page - Power-One ZY7007 Datasheet HTML 8Page - Power-One ZY7007 Datasheet HTML 9Page - Power-One ZY7007 Datasheet HTML 10Page - Power-One ZY7007 Datasheet HTML 11Page - Power-One ZY7007 Datasheet HTML 12Page - Power-One ZY7007 Datasheet HTML 13Page - Power-One ZY7007 Datasheet HTML 14Page - Power-One ZY7007 Datasheet HTML 15Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
ZY7007 7A DC-DC Intelligent POL Data Sheet
3V to 14V Input 0.5V to 5.5V Output
5.4
Transient Response
The pictures below show the deviation of the output
voltage in response to the 50-100-50% step load at
2.5A/μs.
In all tests the POL converters were
switching at 1MHz and had 10x22μF ceramic
capacitors connected across the output pins.
Bandwidth of the feedback loop was programmed for
faster transient response.
Figure 16. Vin=5V, Vout=2.5V, BW~40kHz
Figure 14. Vin=12V, Vout=5V, BW~50kHz
Figure 17. Vin=5V, Vout=1V, BW~40kHz
Figure 15. Vin=12V, Vout=1V, BW~40kHz
Figure 18. Vin=3.3V, Vout=1V, BW~40kHz
ZD-00245 REV. 2.5
www.power-one.com
Page 11 of 35


同様の部品番号 - ZY7007

メーカー部品番号データシート部品情報
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-Q1 POWER-ONE-ZY7010LG-Q1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T1 POWER-ONE-ZY7010LG-T1 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T2 POWER-ONE-ZY7010LG-T2 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7010LG-T3 POWER-ONE-ZY7010LG-T3 Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
More results

同様の説明 - ZY7007

メーカー部品番号データシート部品情報
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
DP8110 POWER-ONE-DP8110 Datasheet
2Mb / 34P
   8V to 14V Input, 0.7V to 5.5V Output
DP8105 POWER-ONE-DP8105 Datasheet
2Mb / 35P
   8V to 14V Input , 0.7V to 5.5V Output
logo
Bel Fuse Inc.
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
logo
Power-One
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com