データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH16245 データシート(PDF) 2 Page - ON Semiconductor

部品番号 74ALVCH16245
部品情報  Low-Voltage 16-Bit Transceiver with Bus Hold 1.8/2.5/3.3 V(3-State, Non-Inverting)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVCH16245 データシート(HTML) 2 Page - ON Semiconductor

  74ALVCH16245 Datasheet HTML 1Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 2Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 3Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 4Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 5Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 6Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 7Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 8Page - ON Semiconductor 74ALVCH16245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74ALVCH16245
http://onsemi.com
2
Figure 1. 48–Lead Pinout
(Top View)
Figure 2. Logic Diagram
T/R1
A0:7
B0:7
One of Eight
48
1
OE1
T/R1
47
2
A0
B0
46
3
A1
B1
45
4
GND
GND
44
5
A2
B2
43
6A3
B3
42
7
VCC
VCC
41
8
A4
B4
40
9
A5
B5
39
10
GND
GND
38
11
A6
B6
37
12
A7
B7
36
13
A8
B8
35
14
A9
B9
34
15
GND
GND
33
16
A10
B10
32
17
A11
B11
31
18
VCC
VCC
30
19
A12
B12
29
20
A13
B13
28
21
GND
GND
27
22
A14
B14
26
23
A15
B15
25
24
OE2
T/R2
OE1
T/R2
A8:15
B8:15
OE2
1
48
24
25
1
48
25
24
A0 47
A1 46
A2 44
A3 43
B0
2
EN1
T/R1
OE1
OE2
T/R2
B1
3
B2
5
B3
6
EN2
EN3
EN4
A4 41
A5 40
A6 38
A7 37
B4
8
B5
9
B6
11
B7
12
A8 36
A9 35
A10 33
A11 32
B8
13
B9
14
B10
16
B11
17
A12 30
A13 29
A14 27
A15 26
B12
19
B13
20
B14
22
B15
23
1 ∇
2 ∇
3 ∇
4 ∇
1
1
1
1
PIN NAMES
Function
Output Enable Inputs
Transmit/Receive Inputs
Side A Inputs or 3–State Outputs
Side B Inputs or 3–State Outputs
Pins
OEn
T/Rn
A0–A15
B0–B15
Figure 3. IEC Logic Diagram
Inputs
Otpts
Inputs
Otpts
OE1
T/R1
Outputs
OE2
T/R2
Outputs
L
L
Bus B0:7 Data to Bus A0:7
L
L
Bus B8:15 Data to Bus A8:15
L
H
Bus A0:7 Data to Bus B0:7
L
H
Bus A8:15 Data to Bus B8:15
H
X
High Z State on A0:7, B0:7
H
X
High Z State on A8:15, B8:15
H = High Voltage Level; L = Low Voltage Level; X = High or Low Voltage Level and Transitions Are Acceptable


同様の部品番号 - 74ALVCH16245

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH16245 PHILIPS-74ALVCH16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
STMicroelectronics
74ALVCH16245 STMICROELECTRONICS-74ALVCH16245 Datasheet
255Kb / 10P
   LOW VOLTAGE CMOS 16-BIT TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Nexperia B.V. All right...
74ALVCH16245 NEXPERIA-74ALVCH16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVCH16245DGG PHILIPS-74ALVCH16245DGG Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
logo
Nexperia B.V. All right...
74ALVCH16245DGG NEXPERIA-74ALVCH16245DGG Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
More results

同様の説明 - 74ALVCH16245

メーカー部品番号データシート部品情報
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
NXP Semiconductors
74LVT16646A PHILIPS-74LVT16646A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16646A NEXPERIA-74LVT16646A Datasheet
231Kb / 22P
   3.3 V 16-bit bus transceiver; 3-state
Rev. 03 - 12 January 2005
logo
ON Semiconductor
74VCXH245 ONSEMI-74VCXH245 Datasheet
71Kb / 8P
   Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver
April, 2005 ??Rev. 10
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
Texas Instruments
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI1-SN54ALVTH162245_09 Datasheet
431Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTHR16245 TI-SN74ALVTHR16245 Datasheet
397Kb / 8P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com