データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C752CIRHBR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C752CIRHBR
部品情報  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHBR データシート(HTML) 7 Page - Texas Instruments

Back Button TL16C752CIRHBR Datasheet HTML 3Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 4Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 5Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 6Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 7Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 8Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 9Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 10Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
www.ti.com
Hardware Flow Control
Auto-RTS
Auto-CTS
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
Hardware flow control is composed of auto-CTS and auto-RTS. Auto-CTS and auto-RTS can be
enabled/disabled independently by programming EFR[7:6].
With auto-CTS, CTS must be active before the UART can transmit data. Auto-RTS only activates the RTS output
when there is enough room in the FIFO to receive data and deactivates the RTS output when the RX FIFO is
sufficiently full. The HALT and RESTORE trigger levels in the TCR determine the levels at which RTS is
activated/deactivated. If both auto-CTS and auto-RTS are enabled, when RTS is connected to CTS, data
transmission does not occur unless the receiver FIFO has empty space. Thus, overrun errors are eliminated
during hardware flow control. If not enabled, overrun errors occur if the transmit data rate exceeds the receive
FIFO servicing latency.
Auto-RTS data flow control originates in the receiver block (see functional block diagram). Figure 1 shows RTS
functional timing. The receiver FIFO trigger levels used in Auto-RTS are stored in the TCR. RTS is active if the
RX FIFO level is below the HALT trigger level in TCR[3:0]. When the receiver FIFO HALT trigger level is
reached, RTS is deasserted. The sending device (e.g., another UART) may send an additional byte after the
trigger level is reached (assuming the sending UART has another byte to send) because it may not recognize the
deassertion of RTS until it has begun sending the additional byte. RTS is automatically reasserted once the
receiver FIFO reaches the RESUME trigger level programmed via TCR[7:4]. This reassertion allows the sending
device to resume transmission.
A.
N = receiver FIFO trigger level B.
B.
The two blocks in dashed lines cover the case where an additional byte is sent as described in Auto-RTS.
Figure 1. RTS Functional Timing
The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, the transmitter
sends the next byte. To stop the transmitter from sending the following byte, CTS must be deasserted before the
middle of the last stop bit that is currently being sent. The auto-CTS function reduces interrupts to the host
system. When flow control is enabled, the CTS state changes and need not trigger host interrupts because the
device automatically controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the
transmit FIFO and a receiver overrun error can result. Figure 2 shows CTS functional timing, and Figure 3 shows
an example of autoflow control.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL16C752C


同様の部品番号 - TL16C752CIRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

同様の説明 - TL16C752CIRHBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com