データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N2222A データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 2N2222A
部品情報  High Speed Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

2N2222A データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  2N2222A Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N2222A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N2222A
High Speed Switching Transistor
Page 1
31/05/05 V1.0
Features:
•• NPN Silicon Planar Switching Transistor.
•• Fast switching devices exhibiting short turn-off and low saturation
voltage characteristics.
•• Switching and Linear application DC and VHF Amplifier
applications.
TO-18 Metal Can Package
Dimensions
Minimum
Maximum
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.4
0.53
E
0.76
F
1.27
G
2.97
H
0.91
1.17
J
0.71
1.21
K
12.7
L
45°
Dimensions : Millimetres
Pin Configuration:
1. Emitter
2. Base
3. Collector


同様の部品番号 - 2N2222A

メーカー部品番号データシート部品情報
logo
Foshan Blue Rocket Elec...
2N2222A FOSHAN-2N2222A Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
   NPN switching transistors
1997 May 29
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
170Kb / 7P
   HIGH SPEED SWITCHES
2N2222A STMICROELECTRONICS-2N2222A Datasheet
172Kb / 7P
   HIGH SPEED SWITCHES
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
   General Purpose NPN Transistors
More results

同様の説明 - 2N2222A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2N222A-V01 ETC-2N222A-V01 Datasheet
318Kb / 3P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066_08 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066 UTC-UN1066_15 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
2SD796 ETC1-2SD796 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Cystech Electonics Corp...
BTC5103I3 CYSTEKEC-BTC5103I3 Datasheet
219Kb / 5P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066 Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
Cystech Electonics Corp...
BTC5103J3 CYSTEKEC-BTC5103J3 Datasheet
151Kb / 3P
   High Speed Switching Transistor
logo
GTM CORPORATION
GJ1952 GTM-GJ1952 Datasheet
382Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI1952 GTM-GI1952 Datasheet
383Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
   NPN HIGH SPEED SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com