データシートサーチシステム |
|
X00602MA1AA2 データシート(PDF) 2 Page - STMicroelectronics |
|
X00602MA1AA2 データシート(HTML) 2 Page - STMicroelectronics |
2 / 9 page Characteristics X006 2/9 1 Characteristics Table 1. Absolute ratings (limiting values) Symbol Parameter Value Unit IT(RMS) RMS on-state current (180 °Conduction angle) TO-92 Tl = 85 °C 0.8 A SOT-223 Ttab = 100 °C IT(AV) Average on-state current (180 °Conduction angle) TO-92 Tl = 85 °C 0.5 A SOT-223 Ttab = 100 °C ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25 °C 10 A tp = 10 ms 9 I²tI²t Value for fusing tp = 10 ms Tj = 25 °C 0.4 A2S dI/dt Critical rate of rise of on-state current IG = 2 x IGT , tr ≤ 100 ns F = 60 Hz Tj = 125 °C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125 °C 1 A PG(AV) Average gate power dissipation Tj = 125 °C 0.1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C Table 2. Electrical characteristics Symbol Test Conditions Value Unit IGT VD = 12 V, RL = 140 Ω MIN. 15 µA MAX. 200 VGT MAX. 0.8 V VGD VD = VDRM, RL = 3.3 kΩ , RGK = 1 kΩ Tj = 125 °C MIN. 0.2 V VRG IRG = 10 µA MIN. 5 V IH IT = 50 mA, RGK = 1 kΩ MAX. 5 mA IL IG = 1 mA, RGK = 1 kΩ MAX. 6 mA dV/dt VD = 67% VDRM, RGK = 1 kΩ Tj = 125 °C MIN. 25 V/µs VTM ITM = 1 A, tp = 380 µs Tj = 25 °C MAX. 1.35 V Vt0 Threshold voltage Tj = 125 °C MAX. 0.85 V Rd Dynamic resistance Tj = 125 °C MAX. 245 m Ω IDRM IRRM VDRM = VRRM , RGK = 1 kΩ Tj = 25 °C MAX. 1 µA Tj = 125 °C MAX. 100 |
同様の部品番号 - X00602MA1AA2 |
|
同様の説明 - X00602MA1AA2 |