データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021LI-28-GT2 データシート(PDF) 5 Page - Catalyst Semiconductor

部品番号 CAT1021LI-28-GT2
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021LI-28-GT2 データシート(HTML) 5 Page - Catalyst Semiconductor

  CAT1021LI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021LI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
CAPACITANCE
TA = 25ºC, f = 1.0MHz, VCC = 5V
Symbol
Test
Test Conditions
Max
Units
COUT
(1)
Output Capacitance
VOUT = 0V
8
pF
CIN
(1)
Input Capacitance
VIN = 0V
6
pF
AC CHARACTERISTICS
V
CC = 2.7V to 5.5V and over the recommended temperature conditions, unless otherwise specified.
Memory Read & Write Cycle
(2)
Symbol
Parameter
Min
Max
Units
fSCL
Clock Frequency
400
kHz
tSP
Input Filter Spike Suppression (SDA, SCL)
100
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tR
(1)
SDA and SCL Rise Time
300
ns
tF
(1)
SDA and SCL Fall Time
300
ns
tHD; STA
Start Condition Hold Time
0.6
µs
tSU; STA
Start Condition Setup Time (for a Repeated Start)
0.6
µs
tHD; DAT
Data Input Hold Time
0
ns
tSU; DAT
Data Input Setup Time
100
ns
tSU; STO
Stop Condition Setup Time
0.6
µs
tAA
SCL Low to Data Out Valid
900
ns
tDH
Data Out Hold Time
50
ns
tBUF
(1)
Time the Bus must be Free Before a New Transmission Can Start
1.3
µs
tWC
(3)
Write Cycle Time (Byte or Page)
5
ms
Notes:
(1) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(2) Test Conditions according to “AC Test Conditions” table.
(3) The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the
write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address.


同様の部品番号 - CAT1021LI-28-GT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021LI-28-GT2 CATALYST-CAT1021LI-28-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT1021LI-28-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com