データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1022LI-28-GT2 データシート(PDF) 3 Page - Catalyst Semiconductor

部品番号 CAT1022LI-28-GT2
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1022LI-28-GT2 データシート(HTML) 3 Page - Catalyst Semiconductor

  CAT1022LI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
PIN DESCRIPTION
RESET/RESET
¯¯¯¯¯¯: RESET OUTPUT
(RESET CAT1021/23 Only)
These are open drain pins and RESET
¯¯¯¯¯¯ can be used
as a manual reset trigger input. By forcing a reset
condition on the pin the device will initiate and
maintain a reset condition. The RESET pin must be
connected through a pull-down resistor, and the
RESET
¯¯¯¯¯¯ pin must be connected through a pull-up
resistor.
SDA: SERIAL DATA ADDRESS
The bidirectional serial data/address pin is used to
transfer all data into and out of the device. The SDA
pin is an open drain output and can be wire-ORed
with other open drain or open collector outputs.
SCL: SERIAL CLOCK
Serial clock input.
MR
¯¯¯: MANUAL RESET INPUT
Manual Reset input is a debounced input that can be
connected to an external source for Manual Reset.
Pulling the MR input low will generate a Reset
condition. Reset outputs are active while MR input is
low and for the reset timeout period after MR returns
to high. The input has an internal pull up resistor.
WP (CAT1021 Only): WRITE PROTECT INPUT
When WP input is tied to VSS or left unconnected write
operations to the entire array are allowed. When tied
to VCC, the entire array is protected. This input has an
internal pull down resistor.
WDI (CAT1023 Only): WATCHDOG TIMER INTERRUPT
Watchdog Timer Interrupt Input is used to reset the
watchdog timer. If a transition from high to low or low
to high does not occur every 1.6 seconds, the RESET
outputs will be driven active.
PIN FUNCTION
Pin
Name
Function
NC
No Connect
RESET
¯¯¯¯¯¯
Active Low Reset Input/Output
VSS
Ground
SDA
Serial Data/Address
SCL
Clock Input
RESET
Active High Reset Output (CAT1021/23)
VCC
Power Supply
WP
Write Protect (CAT1021 only)
MR
¯¯¯
Manual Reset Input
WDI
Watchdog Timer Interrupt (CAT1023)
OPERATING TEMPERATURE RANGE
Industrial
-40ºC to 85ºC
Extended
-40ºC to 125ºC
CAT102X FAMILY OVERVIEW
Device
Manual
Reset
Input Pin
Watchdog
Watchdog
Monitor
Pin
Write
Protection
Pin
Independent
Auxiliary
Voltage Sense
RESET:
Active High
and LOW
EEPROM
CAT1021
SDA
2k
CAT1022
SDA
2k
CAT1023
WDI
2k
CAT1024
2k
CAT1025
2k
CAT1026
2k
CAT1027
WDI
2k
For supervisory circuits with embedded 16k EEPROM, please refer to the CAT1161, CAT1162 and CAT1163
data sheets.


同様の部品番号 - CAT1022LI-28-GT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1022LI-28-GT2 CATALYST-CAT1022LI-28-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT1022LI-28-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com