データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1022LI-28-GT2 データシート(PDF) 2 Page - Catalyst Semiconductor

部品番号 CAT1022LI-28-GT2
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1022LI-28-GT2 データシート(HTML) 2 Page - Catalyst Semiconductor

  CAT1022LI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1022LI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CAT1021, CAT1022, CAT1023
Doc. No. MD-3009 Rev. M
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
BLOCK DIAGRAM
THRESHOLD VOLTAGE OPTION
Part Dash
Number
Minimum
Threshold
Maximum
Threshold
-45
4.50
4.75
-42
4.25
4.50
-30
3.00
3.15
-28
2.85
3.00
-25
2.55
2.70
PIN CONFIGURATION
DIP Package (L)
SOIC Package (W)
TSSOP Package (Y)
MSOP Package (Z)
MR
¯¯¯
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
RESET
WP
3
6
SCL
VSS
4
5
SDA
CAT1021
MR
¯¯¯
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
NC
NC
3
6
SCL
VSS 4
5
SDA
CAT1022
MR
¯¯¯
1
8
VCC
RESET
¯¯¯¯¯¯
2
7
WDI
RESET
3
6
SCL
VSS 4
5
SDA
CAT1023
(Bottom View)
TDFN Package: 3mm x 3mm
0.8mm maximum height - (ZD4)
VCC 8
1 MR
¯¯¯
RESET 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1021
3 WP
SDA 5
4 VSS
VCC 8
1 MR
¯¯¯
NC 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1022
3 NC
SDA 5
4 VSS
VCC 8
1 MR
¯¯¯
WDI 7
2 RESET
¯¯¯¯¯¯
SCL 6
CAT1023
3 RESET
SDA 5
4 VSS
2kbit
DOUT
ACK
SENSEAMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORDADDRESS
BUFFERS
START/STOP
LOGIC
EEPROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGHVOLTAGE/
TIMING CONTROL
VSS
SDA
RESET Controller
Precision
Vcc Monitor
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
SCL
RESET
RESET
MR
WP
(CAT1021)
(CAT1021/23)
WDI
(CAT1023)


同様の部品番号 - CAT1022LI-28-GT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1022LI-28-GT2 CATALYST-CAT1022LI-28-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT1022LI-28-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com