データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021YI-28-GT2 データシート(PDF) 1 Page - Catalyst Semiconductor

部品番号 CAT1021YI-28-GT2
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1021YI-28-GT2 データシート(HTML) 1 Page - Catalyst Semiconductor

  CAT1021YI-28-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1021YI-28-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CAT1021, CAT1022, CAT1023
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-3009 Rev. M
Characteristics subject to change without notice
Supervisory Circuits with I
2C Serial 2k-bit CMOS
EEPROM, Manual Reset and Watchdog Timer
FEATURES
Precision Power Supply Voltage Monitor
— 5V, 3.3V and 3V systems
— Five threshold voltage options
Watchdog Timer
Active High or Low Reset
— Valid reset guaranteed at VCC = 1V
400kHz I
2C Bus
2.7V to 5.5V Operation
Low power CMOS technology
16-Byte Page Write Buffer
Built-in inadvertent write protection
— WP pin (CAT1021)
1,000,000 Program/Erase cycles
Manual Reset Input
100 year data retention
Industrial and extended temperature ranges
8-pin DIP, SOIC, TSSOP, MSOP or TDFN
(3 x 3mm foot-print) packages
— TDFN max height is 0.8mm
For Ordering Information details, see page 19.
DESCRIPTION
The CAT1021, CAT1022 and CAT1023 are complete
memory and supervisory solutions for microcontroller-
based systems. A 2k-bit serial EEPROM memory and a
system power supervisor with brown-out protection are
integrated together in low power CMOS technology.
Memory interface is via a 400kHz I
2C bus.
The CAT1021 and CAT1023 provide a precision VCC
sense circuit and two open drain outputs: one (RESET)
drives high and the other (RESET
¯¯¯¯¯¯) drives low whenever
VCC falls below the reset threshold voltage. The
CAT1022 has only a RESET
¯¯¯¯¯¯ output and does not have
a Write Protect input. The CAT1021 also has a Write
Protect input (WP). Write operations are disabled if WP
is connected to a logic high.
All supervisors have a 1.6 second watchdog timer circuit
that resets a system to a known state if software or a
hardware glitch halts or “hangs” the system. For the
CAT1021 and CAT1022, the watchdog timer monitors
the SDA signal. The CAT1023 has a separate watchdog
timer interrupt input pin, WDI.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5V, 3.3V and 3V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 200 ms after the supply voltage
exceeds the reset threshold level. With both active high
and low reset signals, interface to microcontrollers and
other ICs is simple. In addition, the RESET
¯¯¯¯¯¯ pin or a
separate input, MR
¯¯¯, can be used as an input for push-
button manual reset capability.
The on-chip, 2k-bit EEPROM memory features a 16-byte
page. In addition, hardware data protection is provided
by a VCC sense circuit that prevents writes to memory
whenever VCC falls below the reset threshold or until VCC
reaches the reset threshold during power up.
Available packages include an 8-pin DIP and surface
mount 8-pin SO, 8-pin TSSOP, 8-pin TDFN and 8-pin
MSOP packages. The TDFN package thickness is
0.8mm maximum. TDFN footprint options are 3 x 3mm.


同様の部品番号 - CAT1021YI-28-GT2

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021YI-28-GT2 CATALYST-CAT1021YI-28-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

同様の説明 - CAT1021YI-28-GT2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com