データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K0563-K60 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 K0563-K60
部品情報  Multilayer Chip Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

K0563-K60 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  K0563-K60 Datasheet HTML 1Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 2Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 3Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 4Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 5Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 6Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 7Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 8Page - List of Unclassifed Manufacturers K0563-K60 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
28
Siemens Matsushita Components
Product range
1) I
× b (inch) / l × b (mm)
X7R/B characteristic
Size1)
inch
mm
0402
1005
0603
1608
0805
2012
1206
3216
Type
B37921
B37931
B37941
B37872
VR (Vdc)
16
25
16
25
50
100
16
25
50
100
16
25
50
100
pF
120
pF
150
pF
180
pF
220
pF
270
pF
330
pF
390
pF
470
pF
560
pF
680
pF
820
pF
1,0 nF
1,2 nF
1,5 nF
1,8 nF
2,2 nF
2,7 nF
3,3 nF
3,9 nF
4,7 nF
5,6 nF
6,8 nF
8,2 nF
Chip thickness (
s ):
0,5
± 0,1 mm
0,6
± 0,1 mm
0,8
± 0,1 mm
1,2
± 0,1 mm


同様の部品番号 - K0563-K60

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
K0530WS KEXIN-K0530WS Datasheet
36Kb / 1P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Ping Sheng Ele...
K0530WS PFS-K0530WS Datasheet
197Kb / 1P
   Surface Mount Schottky Barrier Rectifier
logo
Vishay Barry
K05Z-1000G2T-01C36-X BARRY-K05Z-1000G2T-01C36-X Datasheet
113Kb / 2P
   100W AlN Leaded Resistor
REV.A NOV 10 2015
K05Z-1000G2T-05C36-X BARRY-K05Z-1000G2T-05C36-X Datasheet
116Kb / 2P
   50W AlN Leaded Resistor
REV.A NOV 10 2015
K05Z-1000G2U-02C36-X BARRY-K05Z-1000G2U-02C36-X Datasheet
118Kb / 2P
   50W AlN Leaded Resistor
REV.A NOV 10 2015
More results

同様の説明 - K0563-K60

メーカー部品番号データシート部品情報
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
TDK Electronics
C0402JB1A222K020BC TDK-C0402JB1A222K020BC_13 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402JB1C331M020BC TDK-C0402JB1C331M020BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X5R1E331K030BA TDK-C0603X5R1E331K030BA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G154M030BB TDK-C0603X6S0G154M030BB Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G223K030BC TDK-C0603X6S0G223K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334K030BC TDK-C0603X6S0G334K030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603X6S0G334M030BC TDK-C0603X6S0G334M030BC Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H121J050BA TDK-C1005C0G1H121J050BA_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C1005C0G1H221J050BA TDK-C1005C0G1H221J050BA_16 Datasheet
131Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com