データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3122D2 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3122D2
部品情報  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA3122D2 Datasheet HTML 2Page - Texas Instruments TPA3122D2 Datasheet HTML 3Page - Texas Instruments TPA3122D2 Datasheet HTML 4Page - Texas Instruments TPA3122D2 Datasheet HTML 5Page - Texas Instruments TPA3122D2 Datasheet HTML 6Page - Texas Instruments TPA3122D2 Datasheet HTML 7Page - Texas Instruments TPA3122D2 Datasheet HTML 8Page - Texas Instruments TPA3122D2 Datasheet HTML 9Page - Texas Instruments TPA3122D2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
100
1k
20k
0.1
0.01
G001
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 12 V
1
10k
10
PO = 1 W
PO = 0.5 W
PO = 2 W
f − Frequency − Hz
20
100
1k
20k
0.1
0.01
G002
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 18 V
1
10k
10
PO = 1 W
PO = 5 W
PO = 2.5 W
f − Frequency − Hz
20
100
1k
20k
0.1
0.01
G003
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 24 V
1
10k
10
PO = 1 W
PO = 5 W
PO = 2.5 W
f − Frequency − Hz
20
100
1k
20k
0.1
0.01
G004
Gain = 20 dB
RL = 8 Ω (SE)
VCC = 24 V
1
10k
10
PO = 1 W
PO = 5 W
PO = 2.5 W
PO − Output Power − W
0.01
0.1
1
40
0.1
0.01
G005
1
10
10
Gain = 20 dB
RL = 4 Ω (SE)
VCC = 12 V
VCC = 24 V
VCC = 18 V
PO − Output Power − W
0.01
0.1
1
40
0.1
0.01
G006
Gain = 20 dB
RL = 8 Ω (SE)
1
10
10
VCC = 12 V
VCC = 24 V
VCC = 18 V
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY (SE)
FREQUENCY (SE)
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY (SE)
FREQUENCY (SE)
Figure 3.
Figure 4.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER (SE)
OUTPUT POWER (SE)
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


同様の部品番号 - TPA3122D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3122D2

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com