データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13111AFB データシート(PDF) 7 Page - Motorola, Inc

部品番号 MC13111AFB
部品情報  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13111AFB データシート(HTML) 7 Page - Motorola, Inc

Back Button MC13111AFB Datasheet HTML 3Page - Motorola, Inc MC13111AFB Datasheet HTML 4Page - Motorola, Inc MC13111AFB Datasheet HTML 5Page - Motorola, Inc MC13111AFB Datasheet HTML 6Page - Motorola, Inc MC13111AFB Datasheet HTML 7Page - Motorola, Inc MC13111AFB Datasheet HTML 8Page - Motorola, Inc MC13111AFB Datasheet HTML 9Page - Motorola, Inc MC13111AFB Datasheet HTML 10Page - Motorola, Inc MC13111AFB Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
MC13110A/B MC13111A/B
7
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 3.6 V, VB = 1.5 V, TA = 25°C, Active or Rx Mode, unless otherwise specified;
Test Circuit Figure 1.)
Characteristic
Unit
Max
Typ
Min
Symbol
Measure
Pin
Input
Pin
Figure
DATA AMP COMPARATOR
Hysteresis
1
DA In
DA Out
Hys
30
42
50
mV
Threshold Voltage
DA In
DA Out
VT
VCC –
0.7
V
Input Impedance
1
DA In
ZI
200
250
280
k
Output Impedance
DA Out
ZO
100
k
Output High Voltage
Vin = VCC – 1.0 V, IOH = 0 mA
1
DA In
DA Out
VOH
VCC –
0.1
3.6
V
Output Low Voltage
Vin = VCC – 0.4 V, IOL = 0 mA
1
DA In
DA Out
VOL
0.1
0.4
V
Maximum Frequency
DA In
DA Out
Fmax
10
kHz
MIC AMP (fin = 1.0 kHz, External resistors set to gain of 1, Active Mode)
Open Loop Gain
Tx In
Amp Out
AVOL
100,000
V/V
Gain Bandwidth
Tx In
Amp Out
GBW
100
kHz
Maximum Output Swing (RL = 10 kΩ)
Tx In
Amp Out
VOmax
3.2
Vpp
Tx AUDIO PATH (fin = 1.0 kHz, Tx Gain Adj = (01111); ALC, Limiter, and Mutes Disabled; Active Mode, scrambler bypassed)
Absolute Gain (Vin = –10 dBV)
1, 83
Tx In
Tx Out
G
–4.0
0
4.0
dB
Gain Tracking
(Referenced to Tx Out for Vin = –10 dBV)
Vin = – 30 dBV
Vin = – 40 dBV
1, 87
Tx In
Tx Out
Gt
–11
–17
–10
–15
–9.0
–13
dB
Total Harmonic Distortion (Vin = – 10 dBV)
1, 87
Tx In
Tx Out
THD
0.8
1.8
%
Maximum Output Voltage (Increase input voltage
until output voltage THD = 5.0%, then measure
output voltage. Tx Gain Adjust = 8 dB)
1
Tx In
Tx Out
VOmax
–2.0
0
dBV
Input Impedance
C In
Zin
10
k
Attack Time (Ccap = 0.5 µF, Rfilt = 40 k (See
Appendix B))
C In
Tx Out
ta
3.0
ms
Release Time (Ccap = 0.5 µF, Rfilt = 40 k (See
Appendix B))
C In
Tx Out
tr
13.5
ms
Expander to Compressor Crosstalk (Vin = –20 dBV,
Speaker Amp No Load, V(C In) = AC Gnd)
1
E In
Tx Out
CT
–60
–40
dB
Tx Muting (Vin – 10 dBV)
1
Tx In
Tx Out
Mc
–88
–60
dB
ALC Output Level (ALC enabled)
Vin = –10 dBV
Vin = –2.5 dBV
1, 87,
90
Tx In
Tx Out
ALCout
–15
–13
–13
–11
–8.0
–6.0
dBV
ALC Slope (ALC enabled)
1
Tx In
Tx Out
Slope
0.1
0.25
0.4
dB/dB
Vin = –10 dBv
x
p
Vin = –2.5 dBv
ALC Input Dynamic Range
C In
Tx Out
DR
–16 to
–2.5
dBV
Limiter Output Level (Vin = – 2.5 dBV,
Limiter enabled)
1
Tx In
Tx Out
Vlim
–10
–8.0
dBV
Tx High Frequency Corner [Note 7]
(VTx In = –10 dBV, Mic Amp = Unity Gain)
1
Tx In
Tx Out
Tx fc
3.6
3.7
3.8
kHz
NOTE:
7. The filter specification is based on a 10.24 MHz 2nd LO, and a switched–capacitor (SC) filter counter divider ratio of 31. If other 2nd LO frequencies
and/or SC filter counter divider ratios are used, the filter corner frequency will be proportional to the resulting SC filter clock frequency.


同様の部品番号 - MC13111AFB

メーカー部品番号データシート部品情報
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results

同様の説明 - MC13111AFB

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com