データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS16 データシート(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

部品番号 SS16
部品情報  1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YANGJIE [Yangzhou yangjie electronic co., ltd]
ホームページ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SS16 データシート(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SS16 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SS16 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMA/DO-214AC
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
R*JL
R*JA
TJ
TSTG
Voltage Range
20 to 60 Volts
Current
1.0 Amperes
SS12 THRU SS16
Features
*For surface mounted application
*Metal to silicon rectifier,majority carrier conduction
*Low forward voltage drop
*Easy pick and place
*High surge current capability
*Plastic materal used carriers Underwriters
Laboratory Classification 94V-O
*Epitaxial construction
*High temperature soldering:
2500C/ 10 seconds at terminals
Mechanical Data
*Case:Molded plastic
*Terminals:Solder plated
*Polarity:Indicated by cathode band
*Packaging:12mm tape per EIA STD RS-481
*Weight:0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL(See Fig.1)
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
Maximum Instantaneous Forward Voltage
(Note 1) @ 1.0A
Maximun DC Reverse Current @
TA = 25oC
at Rated DC Blocking Voltage @
TA = 100oC
Typical Thermal Resistance
Operating Junction Temperature Range
Storage Temperature Range
UNITS
V
V
V
A
A
V
mA
mA
o
C/W
o
C/W
o
C
o
C
-55 to+150
SS12
20
14
20
1.0
40
0.5
28
88
1.0 AMP. SURFACE MOUNT
SCHOTTKY BARRIER
RECTIFIERS
NOTES: 1. Pulse Test with PW=300 usec,1% Duty Cycle
2.Measured on P.C. Board with 0.2 x 0.2"(5.0 x5.0mm) Copper Pad Areas.
Dimensions in inches and (millimeters)
0.5
0.75
SS13
30
21
30
SS16
60
42
60
SS15
50
35
50
SS14
40
28
40
-55 to+125
.062(1.58)
.056(1.43)
.111(2.83)
.102(2.58)
.187(4.75)
.167(4.25)
.210(5.33)
.195(4.95)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.056(1.41)
.035(0.90)
.103(2.61)
.078(1.99)
10
5.0


同様の部品番号 - SS16

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SS16 MCC-SS16 Datasheet
187Kb / 3P
   1 Amp Schottky Rectifier 20 to 100 Volts
logo
Pan Jit International I...
SS16 PANJIT-SS16 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS16 DGNJDZ-SS16 Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SS16 WTE-SS16 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SS16 BILIN-SS16 Datasheet
488Kb / 4P
   Schottky Barrier Rectifiers
More results

同様の説明 - SS16

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SM120A UNIOHM-SM120A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM120A SECOS-SM120A Datasheet
142Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120A SECOS-SM120A_15 Datasheet
676Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
   1.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SS12F DGNJDZ-SS12F Datasheet
341Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS120-200V-DO-214AC DGNJDZ-SS120-200V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS13-1A-30V-DO-214AC DGNJDZ-SS13-1A-30V-DO-214AC Datasheet
255Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5818.1A-DO-213AB DGNJDZ-SM5818.1A-DO-213AB Datasheet
237Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 DGNJDZ-SK12 Datasheet
144Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM5817 DGNJDZ-SM5817 Datasheet
203Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com