データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQAG データシート(PDF) 2 Page - Fox Electronics

部品番号 FQAG
部品情報  Ceramic SMD Glass Seal Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FOX [Fox Electronics]
ホームページ  http://www.foxonline.com
Logo FOX - Fox Electronics

FQAG データシート(HTML) 2 Page - Fox Electronics

  FQAG Datasheet HTML 1Page - Fox Electronics FQAG Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
29
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
Ceramic SMD Glass Seal Crystal
Rev. 12/5/2007
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FQAG Series
Page 1 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FQAG
A
∅1.5
B
4.0
C
8.0
D
5.5
E
12.0
F
1.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.5
H
∅13.5
I
∅21.6
J
∅60.0
K
∅178
L
13.5
M
1.6
MODEL
FQAG
Ceramic SMD Glass Seal Crystal
Rev. 12/5/2007
RoHS Compliant
http://www.foxonline.com/need_a_sample.htm
Model: FQAG Series
Page 2 of 2


同様の部品番号 - FQAG

メーカー部品番号データシート部品情報
logo
Fox Electronics
FQA FOX-FQA Datasheet
79Kb / 1P
   CERAMIC RESIN SEALED SMD CRYSTAL
logo
TDK Electronics
FQA020ADC-007-M TDK-FQA020ADC-007-M Datasheet
187Kb / 1P
   Power Line EMC Filters
FQA020ADC-007-S TDK-FQA020ADC-007-S Datasheet
187Kb / 1P
   Power Line EMC Filters
logo
Qualtek Electronics Cor...
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038SBH3 QUALTEK-FQA1-12038SBH3 Datasheet
3Mb / 1P
   Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
More results

同様の説明 - FQAG

メーカー部品番号データシート部品情報
logo
Fox Electronics
FX532_G FOX-FX532_G Datasheet
188Kb / 2P
   Ceramic SMD Glass Seal Crystal
FX532AG FOX-FX532AG Datasheet
217Kb / 2P
   Ceramic SMD Glass Seal Crystal
FEG FOX-FEG Datasheet
223Kb / 2P
   Glass Seal SMD Crystal
logo
TAITIEN ELECTRONICS CO....
AT-0018-X2 TAITIEN-AT-0018-X2 Datasheet
233Kb / 1P
   3.2 x 2.5 mm Glass Seal SMD Crystal
AT-0013-XS TAITIEN-AT-0013-XS Datasheet
241Kb / 1P
   5.0 x 3.2 mm Glass Seal SMD Crystal
AT-0007-XQ TAITIEN-AT-0007-XQ Datasheet
243Kb / 1P
   8.0 x 4.5 mm Glass Seal SMD Crystal
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
   Ceramic Glass Seal
logo
Suzhou HangJing Electro...
XC63G2 HANGJING-XC63G2 Datasheet
327Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 6.0X3.5MM GLASS SEAL PACKAGE
XC53G2 HANGJING-XC53G2 Datasheet
320Kb / 1P
   QUARTZ CRYSTAL UNIT IN SMD 5.0X3.2MM GLASS SEAL PACKAGE
logo
Abracon Corporation
ABM8G ABRACON-ABM8G Datasheet
1Mb / 2P
   ULTRA MINIATURE CERAMIC GLASS SEALED SMD CRYSTAL
12.22.09
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com