データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E07DE220 データシート(PDF) 2 Page - STMicroelectronics

部品番号 E07DE220
部品情報  Hybrid emitter switched bipolar transistor ESBT 2200V - 7A - 0.07??power module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E07DE220 データシート(HTML) 2 Page - STMicroelectronics

  E07DE220 Datasheet HTML 1Page - STMicroelectronics E07DE220 Datasheet HTML 2Page - STMicroelectronics E07DE220 Datasheet HTML 3Page - STMicroelectronics E07DE220 Datasheet HTML 4Page - STMicroelectronics E07DE220 Datasheet HTML 5Page - STMicroelectronics E07DE220 Datasheet HTML 6Page - STMicroelectronics E07DE220 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical ratings
STE07DE220
2/7
1
Electrical ratings
Table 3.
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS) Collector-source voltage (VBS =VGS = 0)
2200
V
VBS(OS) Base-source voltage (IC =0, VGS = 0)
40
V
VSB(OS) Source-base voltage (IC =0, VGS = 0)
10
V
VGS
Gate-source voltage
± 20
V
IC
Collector current
7
A
ICM
Collector peak current (tP < 5 ms)
14
A
IB
Base current
7
A
IBM
Base peak current (tP < 1 ms)
14
A
Ptot
Total dissipation at Tc ≤25 °C
220
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
125
°C
VISO
Insulation withstand voltage (AC-RMS) from all four leads
to external heatsink
2500
V
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case
max
0.45
°C/W


同様の部品番号 - E07DE220

メーカー部品番号データシート部品情報
logo
XP Power Limited
E07-5 XPPOWER-E07-5 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E07-5/E07-5CT XPPOWER-E07-5/E07-5CT Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
E075 ETC2-E075 Datasheet
313Kb / 5P
   Industrial Control Transformers
E075E ETC2-E075E Datasheet
313Kb / 5P
   The SBE - Encapsulated, Copper Wound Series
E075W ETC2-E075W Datasheet
313Kb / 5P
   Industrial Control Transformers
More results

同様の説明 - E07DE220

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
143Kb / 8P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STE50DE100 STMICROELECTRONICS-STE50DE100 Datasheet
271Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1000 V - 50 A - 0.026 W POWER MODULE
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com