データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV331KTR-E1 データシート(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV331KTR-E1
部品情報  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331KTR-E1 データシート(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV331KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZV331KTR-E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
10
Mar 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
10
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 22. 500kHz Response
Figure 20. 100kHz Response
V
CC=5V, RL=5.1KΩ
Input
Output
Input Overdrive Voltage=100mV
Figure 21. 100kHz Response
Typical Performance Characteristics (Continued)
TA=25
oC, unless otherwise specified.
Input Overdrive Voltage=10mV
Input
Output
V
CC=5V, RL=5.1KΩ
Input Overdrive Voltage=100mV
Input
Output
V
CC=5V, RL=5.1KΩ


同様の部品番号 - AZV331KTR-E1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV331KTR-E1 BCDSEMI-AZV331KTR-E1 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV331KTR-E1 DIODES-AZV331KTR-E1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

同様の説明 - AZV331KTR-E1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
logo
Diodes Incorporated
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Texas Instruments
LM397MFX TI-LM397MFX Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397 TI1-LM397 Datasheet
823Kb / 15P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
LM397MF TI-LM397MF Datasheet
800Kb / 14P
[Old version datasheet]   LM397 Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com