データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCP3-1.62-33 データシート(PDF) 1 Page - Nuvotem Talema

部品番号 LCP3-1.62-33
部品情報  Miniature Low Cost Toroidal Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TALEMA [Nuvotem Talema]
ホームページ  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

LCP3-1.62-33 データシート(HTML) 1 Page - Nuvotem Talema

  LCP3-1.62-33 Datasheet HTML 1Page - Nuvotem Talema LCP3-1.62-33 Datasheet HTML 2Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LCP Series • Miniature Low Cost Toroidal Inductors
THE TALEMA GROUP
World Wide Toroidal Specialists
LCP Series surface mount toroidal inductors are designed for
use in applications where energy storage is required for
maintenance of a highly stable inductance when a rapid change
in load current occurs. These inductors are excellent for filtering
high frequency signals while supporting a substantial DC
current as well as for AC ripple, switch mode power supplies
and for use with DC-DC Converters.
Features
• Operating frequency to 1 MHz
• High energy storage with minimum saturation
• High stability from no load to full load
• Designed as 1:1 Coupled Inductor (Series or Parallel)
or as 1:1 Isolation Transformer
• Manufactured in ISO-9001:2000, TS-16949:2002
and ISO-14001:2004 certified Talema facility
• Meets lead free reflow level J-STD-020C
• Fully RoHS compliant
Applications
DC-DC Converters • Common Mode Filter • Computer Note Books
Pulse Modulation Switching Regulators: Step-up, Step-down,
Inverting or dual output • Filtering Battery Powered Equipment
Electrical Specifications @ 25°C
Test voltage between windings: 500 Vrms
Operating temperature range: -40°C to +125°C
Climatic Category: IEC68-1 40/125/56
Test frequency: Inductance measured @ 10kHz/10mV
r
e
b
m
u
N
t
r
a
P
d
e
t
c
e
n
n
o
C
l
e
l
l
a
r
a
P
d
e
t
c
e
n
n
o
C
s
e
i
r
e
S
y
g
r
e
n
E
e
g
a
r
o
t
S
*
)
J
µ
(
s
n
o
i
s
n
e
m
i
D
)
s
r
e
t
e
m
i
l
l
i
M
(
s
e
h
c
n
I
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L0
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
d
a
o
L
l
l
u
F
t
n
e
r
r
u
C
A
(
C
D )
L0
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
m
h
O
m
A
BCD
H
2
.
2
-
0
0
.
3
-
1
P
C
L
0
0
.
3
2
.
2
9
0
5
.
1
8
.
8
6
3
0
.
7
6
7
2
.
0
)
0
.
7
(
6
7
2
.
0
)
0
.
7
(
6
3
2
.
0
)
0
.
6
(
9
5
0
.
0
)
5
.
1
(
1
0
2
.
0
)
1
.
5
(
7
.
4
-
0
1
.
2
-
1
P
C
L0
1
.
27
.
46
15
0
.
18
.
8
14
62
.
7
0
1
-
0
4
.
1
-
1
P
C
L
0
4
.
1
0
1
7
3
0
7
.
0
0
4
8
4
1
2
.
7
5
1
-
0
1
.
1
-
1
P
C
L0
1
.
15
18
55
5
.
00
62
3
20
.
7
2
2
-
2
9
.
0
-
1
P
C
L
2
9
.
0
2
2
6
8
6
4
.
0
8
8
4
4
3
1
.
7
3
3
-
6
7
.
0
-
1
P
C
L6
7
.
03
33
3
18
3
.
02
3
12
3
52
.
7
7
4
-
4
6
.
0
-
1
P
C
L
4
6
.
0
7
4
5
0
2
2
3
.
0
8
8
1
0
2
8
1
.
7
8
6
-
4
5
.
0
-
1
P
C
L4
5
.
08
67
0
37
2
.
02
7
28
2
2
12
.
7
0
0
1
-
4
4
.
0
-
1
P
C
L
4
4
.
0
0
0
1
6
7
3
2
2
.
0
0
0
4
4
0
5
1
2
.
7
0
5
1
-
6
3
.
0
-
1
P
C
L6
3
.
00
5
19
1
78
1
.
00
0
66
7
8
22
.
7
0
2
2
-
0
3
.
0
-
1
P
C
L
0
3
.
0
0
2
2
6
6
8
5
1
.
0
0
8
8
4
6
4
3
3
.
7
2
.
2
-
0
4
.
4
-
2
P
C
L0
4
.
42
.
27
0
2
.
28
.
88
24
.
6
1
4
5
3
.
0
)
0
.
9
(
4
5
3
.
0
)
0
.
9
(
9
9
2
.
0
)
6
.
7
(
7
6
0
.
0
)
7
.
1
(
8
4
2
.
0
)
3
.
6
(
7
.
4
-
0
1
.
3
-
2
P
C
L
0
1
.
3
7
.
4
3
1
5
5
.
1
8
.
8
1
2
5
0
.
6
1
0
1
-
8
0
.
2
-
2
P
C
L8
0
.
20
18
24
0
.
10
42
1
14
.
6
1
5
1
-
8
6
.
1
-
2
P
C
L
8
6
.
1
5
1
2
5
4
8
.
0
0
6
8
0
2
0
.
6
1
2
2
-
0
4
.
1
-
2
P
C
L0
4
.
12
20
70
7
.
08
80
8
22
.
6
1
3
3
-
2
3
.
1
-
2
P
C
L
2
3
.
1
3
3
3
8
6
6
.
0
2
3
1
2
3
3
0
.
6
1
7
4
-
8
0
.
1
-
2
P
C
L8
0
.
17
49
3
14
5
.
08
8
16
5
52
.
1
2
8
6
-
0
8
.
0
-
2
P
C
L
0
8
.
0
8
6
1
4
2
0
4
.
0
2
7
2
4
6
9
2
.
0
2
0
0
1
-
6
6
.
0
-
2
P
C
L6
6
.
00
0
15
9
23
3
.
00
0
40
8
1
18
.
5
1
0
5
1
-
4
5
.
0
-
2
P
C
L
4
5
.
0
0
5
1
1
2
5
7
2
.
0
0
0
6
4
8
0
2
1
.
6
1
0
2
2
-
4
4
.
0
-
2
P
C
L4
4
.
00
2
24
8
72
2
.
00
8
86
3
1
38
.
5
1
0
3
3
-
6
3
.
0
-
2
P
C
L
6
3
.
0
0
3
3
0
6
9
8
1
.
0
0
2
3
1
0
4
8
3
C
8
.
5
1
2
.
2
-
4
6
.
6
-
3
P
C
L4
6
.
62
.
25
2
3
.
38
.
80
27
.
1
3
3
3
4
.
0
)
0
.
1
1
(
3
3
4
.
0
)
0
.
1
1
(
0
7
3
.
0
)
4
.
9
(
9
7
0
0
)
0
.
2
(
8
6
2
.
0
)
8
.
6
(
7
.
4
-
6
4
.
4
-
3
P
C
L
6
4
.
4
7
.
4
2
1
3
2
.
2
8
.
8
1
8
4
2
.
2
3
0
1
-
0
0
.
3
-
3
P
C
L0
0
.
30
16
25
.
10
44
0
18
.
2
3
5
1
-
2
4
.
2
-
3
P
C
L
2
4
.
2
5
1
7
3
1
2
.
1
0
6
8
4
1
8
.
1
3
2
2
-
0
0
.
2
-
3
P
C
L0
0
.
22
25
50
0
.
18
80
2
27
.
2
3
3
3
-
2
6
.
1
-
3
P
C
L
2
6
.
1
3
3
4
8
1
8
.
0
2
3
1
6
3
3
1
.
2
3
7
4
-
4
3
.
1
-
3
P
C
L4
3
.
17
47
2
17
6
.
08
8
18
0
53
.
2
3
8
6
-
2
1
.
1
-
3
P
C
L
2
1
.
1
8
6
8
8
1
6
5
.
0
2
7
2
2
5
7
4
.
2
3
0
0
1
-
4
9
.
0
-
3
P
C
L4
9
.
00
0
10
5
27
4
.
00
0
40
0
0
12
.
2
3
0
5
1
-
6
7
.
0
-
3
P
C
L
6
7
.
0
0
5
1
6
4
3
8
3
.
0
0
0
6
4
8
3
1
8
.
1
3
0
2
2
-
2
6
.
0
-
3
P
C
L2
6
.
00
2
28
7
41
3
.
00
8
82
1
9
12
.
1
3
0
3
3
-
0
5
.
0
-
3
P
C
L
0
5
.
0
0
3
3
1
7
6
5
2
.
0
0
2
3
1
4
8
6
2
4
.
0
3
0
7
4
-
2
4
.
0
-
3
P
C
L2
4
.
00
7
43
0
0
11
2
.
00
8
8
12
1
0
45
.
0
3
0
8
6
-
6
3
.
0
-
3
P
C
L
6
3
.
0
0
8
6
0
0
5
1
8
1
.
0
0
2
7
2
0
0
0
6
3
.
2
3


同様の部品番号 - LCP3-1.62-33

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
LCP3121RL STMICROELECTRONICS-LCP3121RL Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results

同様の説明 - LCP3-1.62-33

メーカー部品番号データシート部品情報
logo
Nuvotem Talema
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
logo
Premier Magnetics, Inc.
VTP-00301 PMI-VTP-00301 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
Abracon Corporation
ATCA-SERIES ABRACON-ATCA-SERIES Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com