データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVXC3245MTR データシート(PDF) 4 Page - STMicroelectronics

部品番号 74LVXC3245MTR
部品情報  OCTAL DUAL SUPPLY BUS TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXC3245MTR データシート(HTML) 4 Page - STMicroelectronics

  74LVXC3245MTR Datasheet HTML 1Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 2Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 3Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 4Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 5Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 6Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 7Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 8Page - STMicroelectronics 74LVXC3245MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
74LVXC3245
4/14
Table 7: DC Specifications For VCCB
Symbol
Parameter
Test Condition
Value
Unit
VCCA
(V)
VCCB
(V)
TA = 25 °C
-40 to 85 °C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHB
High Level Input
Voltage
2.7
3.0
2.0
2.0
2.0
V
3.0
3.6
2.0
2.0
2.0
3.6
5.5
3.85
3.85
3.85
VILB
Low Level Input
Voltage
2.7
3.0
0.8
0.8
0.8
V
3.0
3.6
0.8
0.8
0.8
3.6
5.5
1.65
1.65
1.65
VOHB
High Level
Output Voltage
3.0
3.0
IO=-100 µA
2.9
3.0
2.9
2.9
V
3.0
3.0
IO=-12 mA
2.56
2.85
2.46
2.46
3.0
3.0
IO=-24 mA
2.35
2.65
2.25
2.25
3.0
4.5
IO=-24 mA
3.86
4.25
3.76
3.76
VOLB
Low Level Output
Voltage
3.0
3.0
IO=100 µA
0.00
0.1
0.1
0.1
V
3.0
3.0
IO=24 mA
0.21
0.36
0.44
0.44
3.0
4.5
IO=24 mA
0.18
0.36
0.44
0.44
IIB
Input Leakage
Current
3.6
5.5
VI = VCCA or GND
± 0.1
± 1
± 1
µA
IOZB
High Impedance
Output Leakage
Current
3.6
5.5
VIA = VIHA or VILA
VI/OB = VCCB or
GND
± 0.5
± 5
± 5
µA
ICCtB
Quiescent Supply
Current
3.6
5.5
VIA = VCCA or
GND
VIB = VCCB or
GND
550
50
µA
∆I
CCtB
Maximum
Quiescent Supply
Current / Input
3.6
5.5
VIA = VCCA or
GND
VIB = VCCB - 2.1V
1.35
1.5
1.5
mA


同様の部品番号 - 74LVXC3245MTR

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
70Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
81Kb / 8P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC Datasheet
253Kb / 9P
   74LVXC3245 8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVXC3245MTC ONSEMI-74LVXC3245MTC Datasheet
511Kb / 11P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver
February 2009
logo
Fairchild Semiconductor
74LVXC3245MTC FAIRCHILD-74LVXC3245MTC_09 Datasheet
253Kb / 9P
   8-Bit Dual Supply Configurable Voltage Interface Transceiver with 3-STATE Outputs
More results

同様の説明 - 74LVXC3245MTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS_07 Datasheet
192Kb / 9P
   Dual Supply Octal Bus Transceiver
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com