データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T00S データシート(PDF) 7 Page - STMicroelectronics

部品番号 M41T00S
部品情報  Serial access real-time clock
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T00S データシート(HTML) 7 Page - STMicroelectronics

Back Button M41T00S_08 Datasheet HTML 3Page - STMicroelectronics M41T00S_08 Datasheet HTML 4Page - STMicroelectronics M41T00S_08 Datasheet HTML 5Page - STMicroelectronics M41T00S_08 Datasheet HTML 6Page - STMicroelectronics M41T00S_08 Datasheet HTML 7Page - STMicroelectronics M41T00S_08 Datasheet HTML 8Page - STMicroelectronics M41T00S_08 Datasheet HTML 9Page - STMicroelectronics M41T00S_08 Datasheet HTML 10Page - STMicroelectronics M41T00S_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
M41T00S
Operation
7/26
2
Operation
The M41T00S clock operates as a slave device on the serial bus. Access is obtained by
implementing a start condition followed by the correct slave address (D0h). The 8 bytes
contained in the device can then be accessed sequentially in the following order:
1.
Seconds register
2.
Minutes register
3.
Century/hours register
4.
Day register
5.
Date register
6.
Month register
7.
Year register
8.
Calibration register
The M41T00S clock continually monitors VCC for an out-of-tolerance condition. Should VCC
fall below VPFD, the device terminates an access in progress and resets the device address
counter. Inputs to the device will not be recognized at this time to prevent erroneous data
from being written to the device from a an out-of-tolerance system. Once VCC falls below the
switchover voltage (VSO), the device automatically switches over to the battery and powers
down into an ultra-low current mode of operation to preserve battery life. If VBAT is less than
VPFD, the device power is switched from VCC to VBAT when VCC drops below VBAT. If VBAT is
greater than VPFD, the device power is switched from VCC to VBAT when VCC drops below
VPFD. Upon power-up, the device switches from battery to VCC at VSO. When VCC rises
above VPFD, it will recognize the inputs.
For more information on battery storage life refer to Application Note AN1012.
2.1
2-wire bus characteristics
The bus is intended for communication between different ICs. It consists of two lines: a
bidirectional data signal (SDA) and a clock signal (SCL). Both the SDA and SCL lines must
be connected to a positive supply voltage via a pull-up resistor.
The following protocol has been defined:
Data transfer may be initiated only when the bus is not busy.
During data transfer, the data line must remain stable whenever the clock line is high.
Changes in the data line, while the clock line is high, will be interpreted as control
signals.
Accordingly, the following bus conditions have been defined:
2.1.1
Bus not busy
Both data and clock lines remain high.
2.1.2
Start data transfer
A change in the state of the data line, from high to low, while the clock is high, defines the
START condition.


同様の部品番号 - M41T00S_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T00SC64 STMICROELECTRONICS-M41T00SC64 Datasheet
156Kb / 19P
   Real-Time Clock 64Kbit (8192 x 8) EEPROM
M41T00SC64MY6E STMICROELECTRONICS-M41T00SC64MY6E Datasheet
156Kb / 19P
   Real-Time Clock 64Kbit (8192 x 8) EEPROM
M41T00SC64MY6F STMICROELECTRONICS-M41T00SC64MY6F Datasheet
156Kb / 19P
   Real-Time Clock 64Kbit (8192 x 8) EEPROM
M41T00SM6E STMICROELECTRONICS-M41T00SM6E Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T00SM6F STMICROELECTRONICS-M41T00SM6F Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
More results

同様の説明 - M41T00S_08

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
   Serial Access Real-Time Clock
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
   Serial access real-time clock with alarms
M41T62 STMICROELECTRONICS-M41T62 Datasheet
670Kb / 33P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
   Serial access real-time clock with alarms
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
   Serial Access Real-Time Clock with Alarms
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com