データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDE1787ADP データシート(PDF) 7 Page - STMicroelectronics

部品番号 TDE1787ADP
部品情報  Interface circuit (relay and Lamp-driver)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1787ADP データシート(HTML) 7 Page - STMicroelectronics

Back Button TDE1787ADP Datasheet HTML 3Page - STMicroelectronics TDE1787ADP Datasheet HTML 4Page - STMicroelectronics TDE1787ADP Datasheet HTML 5Page - STMicroelectronics TDE1787ADP Datasheet HTML 6Page - STMicroelectronics TDE1787ADP Datasheet HTML 7Page - STMicroelectronics TDE1787ADP Datasheet HTML 8Page - STMicroelectronics TDE1787ADP Datasheet HTML 9Page - STMicroelectronics TDE1787ADP Datasheet HTML 10Page - STMicroelectronics TDE1787ADP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TDE1767 - TDE1787
Typical characteristics
7/16
5
Typical characteristics
Figure 4.
Peak short-circuit vs limiting
resistor
Figure 5.
Available output current vs
limiting resistor
Figure 6.
Power supply current (pin 4)
Figure 7.
Output saturation voltage vs
output current
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0.6
0.6
0.7
0.7
RL(
Ω)
0.8
0.9
ICS
(A)
D03IN1479
VCC = +30V
Tamb = +25˚C
0
0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
0.6
0.6
0.7
0.7
RL(
Ω)
0.8
0.9
IO
(A)
D03IN1480
VCC = +30V
Tamb = +25˚C
Tamb = +85˚C
0
0
10
20
2
30
40
50
60
4
70
6
VS(V)
IS
(mA)
D03IN1481
IO = 0.5A
Output low
Tj = +150˚C
Tj = +25˚C
Output high
0
0.5
0.1
0.6
0.2
0.7
0.3
0.8
0.4
0.9
0.5
1.0
0.6
1.1
0.7
1.2
IO(A)
1.3
1.4
VO (sat)
(V)
D03IN1482
RSC = 0
Tj = +150˚C
Tj = +25˚C


同様の部品番号 - TDE1787ADP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDE1787ADP STMICROELECTRONICS-TDE1787ADP Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
More results

同様の説明 - TDE1787ADP

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
   INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
   Interface circuit (relay and lamp driver)
TDE1747 STMICROELECTRONICS-TDE1747_06 Datasheet
624Kb / 17P
   Interface circuit - relay and lamp-driver
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
September 1988
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
   INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
   Interface circuit - relay and lamp-driver
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
   INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
   FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
   Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com