データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1874IDT データシート(PDF) 10 Page - STMicroelectronics

部品番号 TS1874IDT
部品情報  1.8V input/output rail-to-rail low power operational amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874IDT データシート(HTML) 10 Page - STMicroelectronics

Back Button TS1874IDT Datasheet HTML 6Page - STMicroelectronics TS1874IDT Datasheet HTML 7Page - STMicroelectronics TS1874IDT Datasheet HTML 8Page - STMicroelectronics TS1874IDT Datasheet HTML 9Page - STMicroelectronics TS1874IDT Datasheet HTML 10Page - STMicroelectronics TS1874IDT Datasheet HTML 11Page - STMicroelectronics TS1874IDT Datasheet HTML 12Page - STMicroelectronics TS1874IDT Datasheet HTML 13Page - STMicroelectronics TS1874IDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
TS1871-TS1872-TS1874
10/26
Figure 13.
Open loop gain vs. temperature
Figure 14.
Open loop gain vs. temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms
Figure 15.
High level output voltage vs.
temperature
Figure 16.
Low level output voltage vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
Figure 17.
High level output voltage vs.
temperature
Figure 18.
Low level output voltage vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms


同様の部品番号 - TS1874IDT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS1874I STMICROELECTRONICS-TS1874I Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1874IN STMICROELECTRONICS-TS1874IN Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1874IPT STMICROELECTRONICS-TS1874IPT Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1874IYPT STMICROELECTRONICS-TS1874IYPT Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
More results

同様の説明 - TS1874IDT

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
   1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com