データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LCXU04 データシート(PDF) 7 Page - STMicroelectronics

部品番号 74LCXU04
部品情報  Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCXU04 データシート(HTML) 7 Page - STMicroelectronics

Back Button 74LCXU04_06 Datasheet HTML 3Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 4Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 5Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 6Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 7Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 8Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 9Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 10Page - STMicroelectronics 74LCXU04_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LCXU04
Test circuit
7/15
5
Test circuit
Figure 4.
Test circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 500or equivalent
RT = ZOUT of pulse generator (typically 50)
Table 7. AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min
Max
tPLH tPHL
Propagation delay
time
2.7
50
500
2.5
6.0
ns
3.0 to 3.6
1.0
5.2
tOSLH
tOSHL
Output to output
skew time (1) (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|)
2.
Parameter guaranteed by design
3.0 to 3.6
50
500
2.5
1.0
ns
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power dissipation
capacitance (1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average operating current can be
obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
3.3
fIN = 10MHz
VIN = 0 or VCC
50
pF


同様の部品番号 - 74LCXU04_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LCXU04MTR STMICROELECTRONICS-74LCXU04MTR Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04TTR STMICROELECTRONICS-74LCXU04TTR Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
More results

同様の説明 - 74LCXU04_06

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LCX04 FAIRCHILD-74LCX04 Datasheet
519Kb / 11P
   Low Voltage Hex Inverter with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com