データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC4316 データシート(PDF) 5 Page - STMicroelectronics

部品番号 M74HC4316
部品情報  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4316 データシート(HTML) 5 Page - STMicroelectronics

  M74HC4316 Datasheet HTML 1Page - STMicroelectronics M74HC4316 Datasheet HTML 2Page - STMicroelectronics M74HC4316 Datasheet HTML 3Page - STMicroelectronics M74HC4316 Datasheet HTML 4Page - STMicroelectronics M74HC4316 Datasheet HTML 5Page - STMicroelectronics M74HC4316 Datasheet HTML 6Page - STMicroelectronics M74HC4316 Datasheet HTML 7Page - STMicroelectronics M74HC4316 Datasheet HTML 8Page - STMicroelectronics M74HC4316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M74HC4316
5/11
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25°C)
Symbol
Parameter
Test Condition
Value Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion (THD)
2.25
2.25
4
fIN = 1 KHz RL = 10 KΩ, CL = 50 pF
0.025
%
4.5
4.5
8
0.020
6.0
6.0
11
0.018
fMAX
Frequency
Response
(Switch ON)
2.25
2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF, fIN = 1MHz sine wave
28
MHz
4.5
4.5
42
6.0
6.0
43
Feed through
Attenuation
(Switch OFF)
2.25
2.25
VIN is centered at VCC/2. Adjust input for 0 dBm
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-50
dB
4.5
4.5
-50
6.0
6.0
-50
Crosstalk (Control
Input to Signal
Output)
2.25
2.25
RL = 600Ω, CL = 50 pF, fIN = 1MHz square wave (tr = tf =6ns)
mV
4.5
4.5
5
6.0
6.0
Crosstalk
(Between Any
Switches)
2.25
2.25
Adjust VIN to Obtain 0 dBm at input
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-50
dB
4.5
4.5
-50
6.0
6.0
-50


同様の部品番号 - M74HC4316

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M74HC4316 STMICROELECTRONICS-M74HC4316 Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316B1R STMICROELECTRONICS-M74HC4316B1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316B1R STMICROELECTRONICS-M74HC4316B1R Datasheet
90Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4316C1R STMICROELECTRONICS-M74HC4316C1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
M74HC4316M1R STMICROELECTRONICS-M74HC4316M1R Datasheet
270Kb / 11P
   QUAD BILATERAL SWITCH
July 2001
More results

同様の説明 - M74HC4316

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com