データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVX74 データシート(PDF) 1 Page - STMicroelectronics

部品番号 74LVX74
部品情報  LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX74 データシート(HTML) 1 Page - STMicroelectronics

  74LVX74 Datasheet HTML 1Page - STMicroelectronics 74LVX74 Datasheet HTML 2Page - STMicroelectronics 74LVX74 Datasheet HTML 3Page - STMicroelectronics 74LVX74 Datasheet HTML 4Page - STMicroelectronics 74LVX74 Datasheet HTML 5Page - STMicroelectronics 74LVX74 Datasheet HTML 6Page - STMicroelectronics 74LVX74 Datasheet HTML 7Page - STMicroelectronics 74LVX74 Datasheet HTML 8Page - STMicroelectronics 74LVX74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
August 2004
s
HIGH SPEED:
fMAX = 145MHz (TYP.) at VCC = 3.3V
s
5V TOLERANT INPUTS
s
INPUT VOLTAGE LEVEL:
VIL=0.8V, VIH=2V AT VCC=3V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
LOW NOISE:
VOLP = 0.3V (TYP.) at VCC = 3.3V
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 3.6V (1.2V Data Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 74
s
IMPROVED LATCH-UP IMMUNITY
s
POWER DOWN PROTECTION ON INPUTS
DESCRIPTION
The 74LVX74 is a low voltage CMOS DUAL
D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
NON INVERTING fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power, battery
operated and low noise 3.3V applications.
A signal on the D INPUT is transferred to the Q
OUTPUT during the positive going transition of the
clock pulse. CLR and PR are independent of the
clock and accomplished by a low setting on the
appropriate input.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage.
This device can be used to interface 5V to 3V
system. It combines high speed performance with
the true CMOS low power consumption. All inputs
and outputs are equipped with protection circuits
against static discharge, giving them 2KV ESD
immunity and transient excess voltage.
74LVX74
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP
WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVX74MTR
TSSOP
74LVX74TTR
TSSOP
SOP
Rev. 3


同様の部品番号 - 74LVX74

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74 ONSEMI-74LVX74 Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX74M FAIRCHILD-74LVX74M Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74M FAIRCHILD-74LVX74M Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

同様の説明 - 74LVX74

メーカー部品番号データシート部品情報
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
74LCX74 STMICROELECTRONICS-74LCX74_06 Datasheet
433Kb / 17P
   Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
74LVX174 STMICROELECTRONICS-74LVX174 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
   LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com