データシートサーチシステム |
|
74VHCT14AMTR データシート(PDF) 5 Page - STMicroelectronics |
|
74VHCT14AMTR データシート(HTML) 5 Page - STMicroelectronics |
5 / 15 page 74VHCT14A Maximum rating 5/15 3 Maximum rating stressing the device above the rating listed in the “absolute maximum ratings” table may cause permanent damage to the device. these are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. refer also to the STMicroelectronics sure program and other relevant quality documents. 3.1 Recommended operating conditions Table 4. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage -0.5 to +7.0 V VI DC input voltage -0.5 to +7.0 V VO DC output voltage (1) 1. VCC = 0V -0.5 to +7.0 V VO DC output voltage (2) 2. High or low state -0.5 to VCC + 0.5 V IIK DC input diode current - 20 mA IOK DC output diode current ± 20 mA IO DC output current ± 25 mA ICC DC supply current per supply pin ± 50 mA IGND DC ground current per supply pin ± 50 mA Tstg Storage temperature -65 to +150 °C TL Lead temperature (10 sec) 300 °C Table 5. Recommended operating conditions Symbol Parameter Value Unit VCC Supply voltage 4.5 to 5.5 V VI Input voltage 0 to 5.5 V VO Output voltage (1) 1. VCC = 0V 0 to 5.5 V VO Output voltage (2) 2. High or low state 0 to VCC V Top Operating temperature -55 to 125 °C |
同様の部品番号 - 74VHCT14AMTR |
|
同様の説明 - 74VHCT14AMTR |