データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTB24-600CWRG データシート(PDF) 9 Page - STMicroelectronics

部品番号 BTB24-600CWRG
部品情報  25 A standard and Snubberless triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24-600CWRG データシート(HTML) 9 Page - STMicroelectronics

Back Button BTB24-600CWRG Datasheet HTML 4Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 5Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 6Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 7Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 8Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 9Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 10Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 11Page - STMicroelectronics BTB24-600CWRG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BTA24, BTB24, BTA25, BTA26, BTB26, T25
Package information
9/12
Table 9.
TOP3 (insulated and non_insulated) dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181
R
H
K
G
F
E
D
B
A
C
JJ
P
ØL


同様の部品番号 - BTB24-600CWRG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTB24-600CWRG STMICROELECTRONICS-BTB24-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB24-600CWRG STMICROELECTRONICS-BTB24-600CWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

同様の説明 - BTB24-600CWRG

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com