データシートサーチシステム |
|
GS-12S0181.9 データシート(PDF) 9 Page - STMicroelectronics |
|
GS-12S0181.9 データシート(HTML) 9 Page - STMicroelectronics |
9 / 14 page GS-R12FP Application information 9/14 4.9 Soldering Soldering phase has to be execute with care : in order to avoid undesired melting phenomenon, particular attention has to be take on the set up of the peak temperature. Here following some suggestions for the temperature profile based on IPC/JEDEC J-STD-020C ,July 2004 recommendations. Figure 3. Soldering Table 7. Soldering Profile feature PB free assembly Average ramp up rate ( TSMAX to TP) 3 °C / sec max Preheat Temperature min ( TS MIN) Temperature max ( TS MAX) Time (TS MIN to TS MAX) ( tS ) 150 °C 200 °C 60 – 100 sec Time maintained above : Temperature TL Time tL 217 °C 40 – 70 sec Peak temperature (TP) 240 + 0 °C Time within 5 °C of actual peak temperature (tP) 10 – 20 sec Ramp down rate 6 °C / sec Time from 25 °C to peak temperature 8 minutes max |
同様の部品番号 - GS-12S0181.9 |
|
同様の説明 - GS-12S0181.9 |