データシートサーチシステム |
|
L78S75T データシート(PDF) 5 Page - STMicroelectronics |
|
L78S75T データシート(HTML) 5 Page - STMicroelectronics |
5 / 31 page L78Sxx - L78SxxC Maximum ratings 5/31 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage for VO= 5 to 18V 35 V for VO= 24V 40 IO Output current Internally limited PD Power dissipation Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range for L78Sxx -55 to 150 °C for L78SxxC 0 to 150 Table 3. Thermal data Symbol Parameter TO-220 TO-3 Unit RthJC Thermal resistance junction-case 5 4 °C/W RthJA Thermal resistance junction-ambient 50 35 °C/W Figure 4. Application circuits |
同様の部品番号 - L78S75T |
|
同様の説明 - L78S75T |