データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L78S24T データシート(PDF) 10 Page - STMicroelectronics

部品番号 L78S24T
部品情報  2 A positive voltage regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S24T データシート(HTML) 10 Page - STMicroelectronics

Back Button L78S24T Datasheet HTML 6Page - STMicroelectronics L78S24T Datasheet HTML 7Page - STMicroelectronics L78S24T Datasheet HTML 8Page - STMicroelectronics L78S24T Datasheet HTML 9Page - STMicroelectronics L78S24T Datasheet HTML 10Page - STMicroelectronics L78S24T Datasheet HTML 11Page - STMicroelectronics L78S24T Datasheet HTML 12Page - STMicroelectronics L78S24T Datasheet HTML 13Page - STMicroelectronics L78S24T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
L78Sxx - L78SxxC
10/31
Table 9.
Electrical characteristics of L78S15 (refer to the test circuits, TJ = 25 °C, VI = 23 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
14.4
15
15.6
V
VO
Output voltage
IO = 1A, VI = 17.5V
14.25
15
15.75
V
ΔVO
Line regulation
VI = 17.5 to 30V
300
mV
VI = 20 to 26V
150
ΔVO
Load regulation
IO = 20 mA to 2A
180
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 17.5 to 30 V, IO = 20mA
1
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = -55°C to 150°C
-1
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
90
µV
SVR
Supply voltage rejection
f = 120Hz
52
dB
VI
Operating input voltage
IO 1.5A
18
V
RO
Output resistance
f = 1 kHz
19
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A
Table 10.
Electrical characteristics of L78S18 (refer to the test circuits, TJ = 25 °C, VI = 26 V,
IO = 500 mA, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
17.1
18
18.9
V
VO
Output voltage
IO = 1A, VI = 20.5V
17
18
19
V
ΔVO
Line regulation
VI = 20.5 to 30V
360
mV
VI = 22 to 28V
180
ΔVO
Load regulation
IO = 20 mA to 2A
200
mV
IQ
Quiescent current
8
mA
ΔIQ
Quiescent current change
IO = 20mA to 1A
0.5
mA
VI = 20.5 to 30 V, IO = 20mA
1
ΔVO/ΔT Output voltage drift
IO = 5mA, TJ = -55°C to 150°C
-1
mV/°C
eN
Output noise voltage
B =10Hz to 100kHz
110
µV
SVR
Supply voltage rejection
f = 120Hz
49
dB
VI
Operating input voltage
IO 1.5A
21
V
RO
Output resistance
f = 1 kHz
22
m
Ω
Isc
Short circuit current
VI = 27V
500
mA
Iscp
Short circuit peak current
3
A


同様の部品番号 - L78S24T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L78S24T STMICROELECTRONICS-L78S24T Datasheet
262Kb / 21P
   2A POSITIVE VOLTAGE REGULATORS
More results

同様の説明 - L78S24T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L78SXX STMICROELECTRONICS-L78SXX_10 Datasheet
1Mb / 39P
   2 A positive voltage regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com