データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M40ZTHSMH6F データシート(PDF) 5 Page - STMicroelectronics

部品番号 M40ZTHSMH6F
部品情報  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZTHSMH6F データシート(HTML) 5 Page - STMicroelectronics

  M40ZTHSMH6F Datasheet HTML 1Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 2Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 3Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 4Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 5Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 6Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 7Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 8Page - STMicroelectronics M40ZTHSMH6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
M40Z300, M40Z300W
Description
5/25
1
Description
The M40Z300/W NVRAM SUPERVISOR is a self-contained device which converts a
standard low-power SRAM into a non-volatile memory. A precision voltage reference and
comparator monitors the VCC input for an out-of-tolerance condition.
When an invalid VCC condition occurs, the conditioned chip enable outputs (E1CON to
E4CON) are forced inactive to write-protect the stored data in the SRAM. During a power
failure, the SRAM is switched from the VCC pin to the lithium cell within the SNAPHAT
® to
provide the energy required for data retention. On a subsequent power-up, the SRAM
remains write protected until a valid power condition returns.
The 28-pin, 330mil SOIC provides sockets with gold plated contacts for direct connection to
a separate SNAPHAT housing containing the battery. The SNAPHAT housing has gold
plated pins which mate with the sockets, ensuring reliable connection. The housing is keyed
to prevent improper insertion. This unique design allows the SNAPHAT battery package to
be mounted on top of the SOIC package after the completion of the surface mount process
which greatly reduces the board manufacturing process complexity of either directly
soldering or inserting a battery into a soldered holder. Providing non-volatility becomes a
“SNAP.” The 16-pin SOIC provides battery pins for an external user-supplied battery.
Insertion of the SNAPHAT housing after reflow prevents potential battery damage due to the
high temperatures required for device surface-mounting. The SNAPHAT housing is also
keyed to prevent reverse insertion.
The 28-pin SOIC and battery packages are shipped separately in plastic anti-static tubes or
in tape & reel form. For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT) part
number is “M4ZXX-BR00SH” (see Table 13 on page 23).
Caution:
Do not place the SNAPHAT battery top in conductive foam, as this will drain the lithium
button-cell battery.


同様の部品番号 - M40ZTHSMH6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40ZTHSMH6F STMICROELECTRONICS-M40ZTHSMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

同様の説明 - M40ZTHSMH6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com