データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M40ZTHSMQ6F データシート(PDF) 1 Page - STMicroelectronics

部品番号 M40ZTHSMQ6F
部品情報  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZTHSMQ6F データシート(HTML) 1 Page - STMicroelectronics

  M40ZTHSMQ6F Datasheet HTML 1Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 2Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 3Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 4Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 5Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 6Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 7Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 8Page - STMicroelectronics M40ZTHSMQ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2007
Rev 4
1/25
1
M40Z300
M40Z300W
5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Features
Converts low power SRAM into NVRAMs
Precision power monitoring and power
switching circuitry
Automatic WRITE-protection when VCC is out-
of-tolerance
Two-input decoder allows control for up to 8
SRAMs (with 2 devices active in parallel)
Choice of supply voltages and power-fail
deselect voltages:
–M40Z300:
VCC = 4.5V to 5.5V
THS = VSS: 4.5V ≤ VPFD ≤ 4.75V
THS = VOUT: 4.2V ≤ VPFD ≤ 4.5V
–M40Z300W:
VCC = 3.0V to 3.6V
THS = VSS: 2.8V ≤ VPFD ≤ 3.0V
VCC = 2.7V to 3.3V
THS = VOUT: 2.5 ≤ VPFD ≤ 2.7V
Reset output (RST) for power on reset
Battery low pin (BL)
Less than 12ns chip enable access
propagation delay (for 5.0V device)
Packaging includes a 28-lead SOIC and
SNAPHAT® top (to be ordered separately), or
A 16-lead SOIC
SOIC package provides direct connection for a
SNAPHAT top which contains the battery
RoHS compliant
– Lead-free second level interconnect
16
1
28
1
SO16 (MQ)
SNAPHAT (SH)
crystal/battery
SOH28 (MH)
www.st.com


同様の部品番号 - M40ZTHSMQ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40ZTHSMH6E STMICROELECTRONICS-M40ZTHSMH6E Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40ZTHSMH6F STMICROELECTRONICS-M40ZTHSMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

同様の説明 - M40ZTHSMQ6F

メーカー部品番号データシート部品情報
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com