データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1220-X00B データシート(PDF) 11 Page - STMicroelectronics

部品番号 TS1220-X00B
部品情報  Sensitive and Standard 12 A SCRS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1220-X00B データシート(HTML) 11 Page - STMicroelectronics

Back Button TS1220-X00B Datasheet HTML 4Page - STMicroelectronics TS1220-X00B Datasheet HTML 5Page - STMicroelectronics TS1220-X00B Datasheet HTML 6Page - STMicroelectronics TS1220-X00B Datasheet HTML 7Page - STMicroelectronics TS1220-X00B Datasheet HTML 8Page - STMicroelectronics TS1220-X00B Datasheet HTML 9Page - STMicroelectronics TS1220-X00B Datasheet HTML 10Page - STMicroelectronics TS1220-X00B Datasheet HTML 11Page - STMicroelectronics TS1220-X00B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TN12, TS12 and TYNx12 Series
Ordering information
11/12
4
Ordering information
5
Revision history
Ordering type(1)
1.
x (6, 7, 8, 10) depends upon voltage
Marking(1)
Package
Weight
Base qty Delivery mode
TN1215-x00B
TN1215x00
DPAK
0.3 g
75
Tube
TN1215-x00B-TR
TN1215x00
DPAK
0.3 g
2500
Tape and reel
TN1215-x00G
TN1215x00G
D2PAK
1.5 g
50
Tube
TN1215-x00G-TR
TN1215x00G
D2PAK
1.5 g
1000
Tape and reel
TN1215-x00H
TN1215x00
IPAK
0.3 g
75
Tube
TS1220-x00B
TS1220x00
DPAK
0.3 g
75
Tube
TS1220-x00B-TR
TS1220x00
DPAK
0.3 g
2500
Tape and reel
TS1220-x00H
TS1220x00
IPAK
0.3 g
75
Tube
TYNx12RG
TYNx12
TO-220AB
2.3 g
50
Tube
TYNx12TRG
TYNx12T
TO-220AB
2.3 g
50
Tube
Date
Revision
Description of Changes
Sep-2000
3
Last update.
25-Mar-2005
4
TO-220AB delivery mode changed from bulk to tube.
14-Oct-2005
5
Changed sensitivity values in Table 5 for TYNx12 (30 to 15 mA) and
TYNx12T ( 15 to 5 mA). Added ECOPACK statement.
08-Mar-2007
6
Reformatted to current standard.
Figure 15: TN12 series product name corrected.
Figure 16: TS12 series product name corrected.


同様の部品番号 - TS1220-X00B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TS1220-600B STMICROELECTRONICS-TS1220-600B Datasheet
91Kb / 5P
   SENSITIVE SCR
TS1220-600B-TR STMICROELECTRONICS-TS1220-600B-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TS1220-600H STMICROELECTRONICS-TS1220-600H Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TS1220-600H-TR STMICROELECTRONICS-TS1220-600H-TR Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
More results

同様の説明 - TS1220-X00B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Nell Semiconductor Co.,...
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com