データシートサーチシステム |
|
STA529Q データシート(PDF) 4 Page - STMicroelectronics |
|
STA529Q データシート(HTML) 4 Page - STMicroelectronics |
4 / 58 page Introduction STA529 4/58 1 Introduction The STA529 is a digital stereo class-D audio amplifier. It includes an audio DSP, a ST proprietary high-efficiency class-D driver and CMOS power output stage. It is intended for high-efficiency digital-to-power-audio conversion for portable applications. The STA529 also provides output capabilities for FFXTM. In conjunction with a power device, the STA529 provides high-quality digital amplification. The STA529 contains an on-chip volume/gain control. The PWM amplifier achieves greater than 90% efficiency for longer battery life for portable systems. The innovative class-D modulation, allows the STA529 to work without external LC filters and without a heatsink. The STA529 I2CDIS pin disables the audio DSP functions to provide a direct conversion of the input signal into output power (the I2C interface is disabled). This conversion is done without the microcontroller. The STA529 is designed for low-power operation with extremely low-current consumption in standby mode. It is available in two packages: the TFBGA48 and the VFQFPN52. These are very thin packages (1.2 mm thick) intended for small portable applications. Figure 1. Block diagram Power driver Power driver Control interface Divider PLL OSC FFX modulator PWM out I/F ADC ADC Serial digital audio interface PGA Digital volume OUT1A OUT1B OUT2A OUT2B VBIAS INL VHI VCM VLO INR |
同様の部品番号 - STA529Q |
|
同様の説明 - STA529Q |