データシートサーチシステム |
|
LFXP3E-5TN100C データシート(PDF) 2 Page - Lattice Semiconductor |
|
LFXP3E-5TN100C データシート(HTML) 2 Page - Lattice Semiconductor |
2 / 130 page July 2007 Data Sheet DS1001 © 2005 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice. www.latticesemi.com 1-1 DS1001 Introduction_01.5a July 6, 2007 3:01 p.m. Features ■ Non-volatile, Infinitely Reconfigurable • Instant-on – powers up in microseconds • No external configuration memory • Excellent design security, no bit stream to intercept • Reconfigure SRAM based logic in milliseconds • SRAM and non-volatile memory programmable through system configuration and JTAG ports ■ Sleep Mode • Allows up to 1000x static current reduction ■ TransFR™ Reconfiguration (TFR) • In-field logic update while system operates ■ Extensive Density and Package Options • 3.1K to 19.7K LUT4s • 62 to 340 I/Os • Density migration supported ■ Embedded and Distributed Memory • 54 Kbits to 396 Kbits sysMEM™ Embedded Block RAM • Up to 79 Kbits distributed RAM • Flexible memory resources: − Distributed and block memory ■ Flexible I/O Buffer • Programmable sysIO™ buffer supports wide range of interfaces: − LVCMOS 3.3/2.5/1.8/1.5/1.2 − LVTTL – SSTL 18 Class I − SSTL 3/2 Class I, II – HSTL15 Class I, III − HSTL 18 Class I, II, III − PCI − LVDS, Bus-LVDS, LVPECL, RSDS ■ Dedicated DDR Memory Support • Implements interface up to DDR333 (166MHz) ■ sysCLOCK™ PLLs • Up to 4 analog PLLs per device • Clock multiply, divide and phase shifting ■ System Level Support • IEEE Standard 1149.1 Boundary Scan, plus ispTRACY™ internal logic analyzer capability • Onboard oscillator for configuration • Devices operate with 3.3V, 2.5V, 1.8V or 1.2V power supply Table 1-1. LatticeXP Family Selection Guide Device LFXP3 LFXP6 LFXP10 LFXP15 LFXP20 PFU/PFF Rows 16 24 32 40 44 PFU/PFF Columns 24 30 38 48 56 PFU/PFF (Total) 384 720 1216 1932 2464 LUTs (K) 3 6 10 15 20 Distributed RAM (KBits) 12 23 39 61 79 EBR SRAM (KBits) 54 72 216 324 396 EBR SRAM Blocks 6 8 24 36 44 VCC Voltage 1.2/1.8/2.5/3.3V 1.2/1.8/2.5/3.3V 1.2/1.8/2.5/3.3V 1.2/1.8/2.5/3.3V 1.2/1.8/2.5/3.3V PLLs 22444 Max. I/O 136 188 244 300 340 Packages and I/O Combinations: 100-pin TQFP (14 x 14 mm) 62 144-pin TQFP (20 x 20 mm) 100 100 208-pin PQFP (28 x 28 mm) 136 142 256-ball fpBGA (17 x 17 mm) 188 188 188 188 388-ball fpBGA (23 x 23 mm) 244 268 268 484-ball fpBGA (23 x 23 mm) 300 340 LatticeXP Family Data Sheet Introduction |
同様の部品番号 - LFXP3E-5TN100C |
|
同様の説明 - LFXP3E-5TN100C |