データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC4032ZE7MN100C データシート(PDF) 9 Page - Lattice Semiconductor

部品番号 LC4032ZE7MN100C
部品情報  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4032ZE7MN100C データシート(HTML) 9 Page - Lattice Semiconductor

Back Button LC4032ZE7MN100C Datasheet HTML 5Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 6Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 7Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 8Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 9Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 10Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 11Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 12Page - Lattice Semiconductor LC4032ZE7MN100C Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
9
Table 6. GLB/MC/ORP Combinations for ispMACH 4128ZE
Table 7. GLB/MC/ORP Combinations for ispMACH 4032ZE and 4064ZE
Output Enable Routing Multiplexers
The OE Routing Pool provides the corresponding local output enable (OE) product term to the I/O cell.
I/O Cell
The I/O cell contains the following programmable elements: output buffer, input buffer, OE multiplexer, Power Guard
and bus maintenance circuitry. Figure 8 details the I/O cell.
GLB/MC
ORP Mux Input Macrocells
[GLB] [MC 0]
M0, M1, M2, M3, M4, M5, M6, M7
[GLB] [MC 1]
M1, M2, M3, M4, M5, M6, M7, M8
[GLB] [MC 2]
M2, M3, M4, M5, M6, M7, M8, M9
[GLB] [MC 3]
M4, M5, M6, M7, M8, M9, M10, M11
[GLB] [MC 4]
M5, M6, M7, M8, M9, M10, M11, M12
[GLB] [MC 5]
M6, M7, M8, M9, M10, M11, M12, M13
[GLB] [MC 6]
M8, M9, M10, M11, M12, M13, M14, M15
[GLB] [MC 7]
M9, M10, M11, M12, M13, M14, M15, M0
[GLB] [MC 8]
M10, M11, M12, M13, M14, M15, M0, M1
[GLB] [MC 9]
M12, M13, M14, M15, M0, M1, M2, M3
[GLB] [MC 10]
M13, M14, M15, M0, M1, M2, M3, M4
[GLB] [MC 11]
M14, M15, M0, M1, M2, M3, M4, M5
GLB/MC
ORP Mux Input Macrocells
[GLB] [MC 0]
M0, M1, M2, M3, M4, M5, M6, M7
[GLB] [MC 1]
M1, M2, M3, M4, M5, M6, M7, M8
[GLB] [MC 2]
M2, M3, M4, M5, M6, M7, M8, M9
[GLB] [MC 3]
M3, M4, M5, M6, M7, M8, M9, M10
[GLB] [MC 4]
M4, M5, M6, M7, M8, M9, M10, M11
[GLB] [MC 5]
M5, M6, M7, M8, M9, M10, M11, M12
[GLB] [MC 6]
M6, M7, M8, M9, M10, M11, M12, M13
[GLB] [MC 7]
M7, M8, M9, M10, M11, M12, M13, M14
[GLB] [MC 8]
M8, M9, M10, M11, M12, M13, M14, M15
[GLB] [MC 9]
M9, M10, M11, M12, M13, M14, M15, M0
[GLB] [MC 10]
M10, M11, M12, M13, M14, M15, M0, M1
[GLB] [MC 11]
M11, M12, M13, M14, M15, M0, M1, M2
[GLB] [MC 12]
M12, M13, M14, M15, M0, M1, M2, M3
[GLB] [MC 13]
M13, M14, M15, M0, M1, M2, M3, M4
[GLB] [MC 14]
M14, M15, M0, M1, M2, M3, M4, M5
[GLB] [MC 15]
M15, M0, M1, M2, M3, M4, M5, M6


同様の部品番号 - LC4032ZE7MN100C

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LC4032ZC-35M56C LATTICE-LC4032ZC-35M56C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032ZC-35M56C LATTICE-LC4032ZC-35M56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032ZC-35MN56C LATTICE-LC4032ZC-35MN56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032ZC-35T48C LATTICE-LC4032ZC-35T48C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032ZC-35T48C LATTICE-LC4032ZC-35T48C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

同様の説明 - LC4032ZE7MN100C

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com