データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFXP25E7CFN484C データシート(PDF) 9 Page - Lattice Semiconductor

部品番号 LFXP25E7CFN484C
部品情報  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP25E7CFN484C データシート(HTML) 9 Page - Lattice Semiconductor

Back Button LFXP25E7CFN484C Datasheet HTML 5Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 6Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 9Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 10Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 11Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 12Page - Lattice Semiconductor LFXP25E7CFN484C Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
2-6
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Routing
There are many resources provided in the LatticeXP2 devices to route signals individually or as busses with related
control signals. The routing resources consist of switching circuitry, buffers and metal interconnect (routing) seg-
ments.
The inter-PFU connections are made with x1 (spans two PFU), x2 (spans three PFU) or x6 (spans seven PFU)
connections. The x1 and x2 connections provide fast and efficient connections in horizontal and vertical directions.
The x2 and x6 resources are buffered to allow both short and long connections routing between PFUs.
The LatticeXP2 family has an enhanced routing architecture to produce a compact design. The ispLEVER design
tool takes the output of the synthesis tool and places and routes the design. Generally, the place and route tool is
completely automatic, although an interactive routing editor is available to optimize the design.
sysCLOCK Phase Locked Loops (PLL)
The sysCLOCK PLLs provide the ability to synthesize clock frequencies. The LatticeXP2 family supports between
two and four full featured General Purpose PLLs (GPLL). The architecture of the GPLL is shown in Figure 2-4.
CLKI, the PLL reference frequency, is provided either from the pin or from routing; it feeds into the Input Clock
Divider block. CLKFB, the feedback signal, is generated from CLKOP (the primary clock output) or from a user
clock pin/logic. CLKFB feeds into the Feedback Divider and is used to multiply the reference frequency.
Both the input path and feedback signals enter the Voltage Controlled Oscillator (VCO) block. The phase and fre-
quency of the VCO are determined from the input path and feedback signals. A LOCK signal is generated by the
VCO to indicate that the VCO is locked with the input clock signal.
The output of the VCO feeds into the CLKOP Divider, a post-scalar divider. The duty cycle of the CLKOP Divider
output can be fine tuned using the Duty Trim block, which creates the CLKOP signal. By allowing the VCO to oper-
ate at higher frequencies than CLKOP, the frequency range of the GPLL is expanded. The output of the CLKOP
Divider is passed through the CLKOK Divider, a secondary clock divider, to generate lower frequencies for the
CLKOK output. For applications that require even lower frequencies, the CLKOP signal is passed through a divide-
by-three divider to produce the CLKOK2 output. The CLKOK2 output is provided for applications that use source
synchronous logic. The Phase/Duty Cycle/Duty Trim block is used to adjust the phase and duty cycle of the CLKOP
Divider output to generate the CLKOS signal. The phase/duty cycle setting can be pre-programmed or dynamically
adjusted.
The clock outputs from the GPLL; CLKOP, CLKOK, CLKOK2 and CLKOS, are fed to the clock distribution network.
For further information on the GPLL please see TN1126, LatticeXP2 sysCLOCK PLL Design and Usage Guide.


同様の部品番号 - LFXP25E7CFN484C

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

同様の説明 - LFXP25E7CFN484C

メーカー部品番号データシート部品情報
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com