データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA020-180-20-10 データシート(PDF) 1 Page - Transcom, Inc.

部品番号 TA020-180-20-10
部品情報  2 - 18 GHz 13 dBm Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-180-20-10 データシート(HTML) 1 Page - Transcom, Inc.

  TA020-180-20-10 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA020-180-20-10
REV1_20040412
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
2 - 18 GHz 13 dBm Amplifier
FEATURES
• P
-1 dB: 13 dBm
• Noise Figure: 4.5 dB
• Bias Condition: 200 mA @ 12 V
• Small Signal Gain: 20 dB
DESCRIPTION
The TA020-180-20-10 is a 13 dBm medium power amplifier designed for operation in the 2 to 18 GHz
frequency range. This amplifier provides high gain and low noise figure. High efficiency operation is
achieved by using hybrid MIC designs and advanced GaAs PHEMT devices. The amplifier requires only a
+12V DC power supply.
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
2
18
GHz
SSG
Small Signal Gain
20
22
dB
GOF
Small Signal Gain Flatness
± 1
± 1.5
dB
P-1 dB
Output Power at 1 dB Gain Compression
10
13
dBm
NF
Noise Figure @ 2~8 GHz
4.5
dB
NF
Noise Figure @ 8~18 GHz
4
dB
VSWR, IN
Input VSWR
1.9:1
2:1
-
VSWR, OUT Output VSWR
1.9:1
2:1
-
Vdc
DC Supply Voltage (with built-in regulator)
12
15
Volt
Idc
Current Supply
0.15
0.2
A
OTR
Operating Temperature Range
-30
70
°C
∗ Actual gain and current depend on configuration.
CASE: HG3
Note: The previous product part number of TA020-180-20-10 is TC6002K.


同様の部品番号 - TA020-180-20-10

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
   2 -18 GHz 16 dBm Amplifier
More results

同様の説明 - TA020-180-20-10

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
   2 -18 GHz 16 dBm Amplifier
TM010-180-12-13 TRANSCOM-TM010-180-12-13 Datasheet
26Kb / 1P
   1-18 GHz 13 dBm Gain Module
logo
List of Unclassifed Man...
TA075-180-24-12 ETC-TA075-180-24-12 Datasheet
28Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
logo
Transcom, Inc.
TA075-180-24-12 TRANSCOM-TA075-180-24-12 Datasheet
125Kb / 2P
   7.5 - 18 GHz 12 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A1004 PASTERNACK-PE15A1004 Datasheet
466Kb / 6P
   3 dB NF, 13 dBm, 12 GHz to 18 GHz, Low Noise Amplifier
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
logo
Qorvo, Inc
TGA2514N-FL QORVO-TGA2514N-FL Datasheet
535Kb / 10P
   13 ??18 GHz Power Amplifier
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com