データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1963A-33KTTR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL1963A-33KTTR
部品情報  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL1963A-33KTTR データシート(HTML) 6 Page - Texas Instruments

Back Button TL1963A-33KTTR Datasheet HTML 2Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 3Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 4Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 5Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 6Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 7Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 8Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 9Page - Texas Instruments TL1963A-33KTTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TYPICAL CHARACTERISTICS
0
120
240
360
480
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
IOUT = 1.5 A
IOUT = 0.5 A
IOUT = 100 mA
IOUT = 1 mA
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current – A
TA = 25°C
TA = 125°C
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VIN = 6 V
IOUT = 0 A
VSHDN = VIN
VOUT Adjustable
VOUT Fixed 3.3 V
TL1963A (Adjustable)
TL1963A-3.3
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Fixed 1.8 V
IOUT = 1 mA
TL1963A-1.8
I
= 1 mA
OUT
TL1963A-xx
SLVS719A – JUNE 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs
vs
OUTPUT CURRENT
TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT
OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


同様の部品番号 - TL1963A-33KTTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI-TL1963A-33KTTR Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33KTTR TI1-TL1963A-33KTTR Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results

同様の説明 - TL1963A-33KTTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com