データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC855N データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDC855N
部品情報  Single N-Channel, Logic Level, PowerTrench짰 MOSFET 30V, 6.1A, 27m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC855N データシート(HTML) 4 Page - Fairchild Semiconductor

  FDC855N Datasheet HTML 1Page - Fairchild Semiconductor FDC855N Datasheet HTML 2Page - Fairchild Semiconductor FDC855N Datasheet HTML 3Page - Fairchild Semiconductor FDC855N Datasheet HTML 4Page - Fairchild Semiconductor FDC855N Datasheet HTML 5Page - Fairchild Semiconductor FDC855N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2008 Fairchild Semiconductor Corporation
FDC855N Rev.C
Figure 7.
03
69
12
0
2
4
6
8
10
ID = 6.1A
VDD = 20V
VDD = 10V
Qg, GATE CHARGE(nC)
VDD = 15V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
20
f = 1MHz
VGS = 0V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
Capacitance vs Drain
to Source Voltage
Figure 9. Forward Bias Safe
Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
30
DC
1s
1ms
100ms
10ms
10s
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 156
oC/W
TA = 25
oC
Figure 10.
10
-3
10
-2
10
-1
110
100
1000
1
10
100
SINGLE PULSE
RθJA = 156
oC/W
TA = 25
oC
0.5
V
GS = 10V
t, PULSE WIDTH (s)
Single Pulse Maximum
Power Dissipation
Figure 11. Transient Thermal Response Curve
10
-3
10
-2
10
-1
110
100
1000
0.01
0.1
1
SINGLE PULSE
RθJA = 156
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
2
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


同様の部品番号 - FDC855N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC8601 FAIRCHILD-FDC8601 Datasheet
249Kb / 7P
   N-Channel Shielded Gate PowerTrench짰 MOSFET
FDC8602 FAIRCHILD-FDC8602 Datasheet
257Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 100 V, 1.2 A, 350 m廓
FDC86244 FAIRCHILD-FDC86244 Datasheet
301Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 2.3 A, 144 m廓
logo
VBsemi Electronics Co.,...
FDC86244 VBSEMI-FDC86244 Datasheet
1,008Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDC8878 FAIRCHILD-FDC8878 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
More results

同様の説明 - FDC855N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDM6296 FAIRCHILD-FDM6296_07 Datasheet
231Kb / 6P
   Single N-Channel Logic-Level PowerTrench짰 MOSFET 30V,11.5A, 10.5m廓
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDS5351 FAIRCHILD-FDS5351 Datasheet
237Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60V, 6.1A, 35m廓
FDS6680A FAIRCHILD-FDS6680A_12 Datasheet
202Kb / 5P
   Single N-Channel, Logic Level, PowerTrench짰 MOSFET
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
FDB8878 FAIRCHILD-FDB8878 Datasheet
272Kb / 6P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 48A, 14mOhm
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
logo
ON Semiconductor
FDMS9408L-F085 ONSEMI-FDMS9408L-F085 Datasheet
566Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5632N_F085 FAIRCHILD-FDN5632N_F085 Datasheet
267Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 1.6A, 98m廓
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com