データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QVE00033 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 QVE00033
部品情報  Phototransistor Optical Surface Mount Interrupter Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00033 データシート(HTML) 3 Page - Fairchild Semiconductor

  QVE00033 Datasheet HTML 1Page - Fairchild Semiconductor QVE00033 Datasheet HTML 2Page - Fairchild Semiconductor QVE00033 Datasheet HTML 3Page - Fairchild Semiconductor QVE00033 Datasheet HTML 4Page - Fairchild Semiconductor QVE00033 Datasheet HTML 5Page - Fairchild Semiconductor QVE00033 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QVE00033 Rev. 1.1.0
3
Typical Performance Characteristics
Figure 2. Normalized Collector Current Vs. Shield Distance
d1-Shield Distance (mm)
Figure 1. Normalized Collector Current Vs. Shield Distance
d2-Shield Distance (mm)
01
2
3
4
01
2
3
4
0.0
.2
.4
.6
.8
1.0
0.0
.2
.4
.6
.8
1.0
T
TA=25
°C
VCE=5V
Normalized to
IF=5mA
A=25°C
IF=5mA
VCE=5V
0
Black Shield
d1
TA=25
°C
IF=5mA
VCE=5V
+
E
D
+
d2
Black Shield
0
Normalized to
value with shield
removed
Normalized to
value with shield
removed
Figure 4.
Normalized Collector Current Vs. Forward Current
I
F-Forward Current (mA)
0
02
4
6
8
10
12
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
Figure 3. Collector Current Vs. Collector-Emitter Voltage
V
CE (V)
1.4
1.2
1.0
.8
.6
.4
.2
0.0
T
A =25°C
I
F=20mA
I
F=10mA
I
F=5mA
I
F=1mA
Figure 6.
Fall Time vs. Load Resistance
Figure 5.
Rise Time vs. Load Resistance
RL (k
Ω)
RL (k
Ω)
0
02
468
10
2
4
6
8
.2
02
468
10
.4
.6
.8
1.0
T(off)
T(on)
TA=25
°C
PW=300
µs
PRR=100
µs
VCC=5V
Normalized
to RL=1k
TA=25
°C
PW=300
µs
PRR=100
µs
VCC=5V
Normalized
to RL=1k


同様の部品番号 - QVE00033

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
More results

同様の説明 - QVE00033

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
QVE00033 FAIRCHILD-QVE00033 Datasheet
489Kb / 6P
   PHOTOTRANSISTOR OPTICAL SURFACE MOUNT INTERRUPTER SWITCH
QVE00033 FAIRCHILD-QVE00033_05 Datasheet
95Kb / 6P
   Phototransistor Optical Surface Mount Interrupter Switch
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QCK5 FAIRCHILD-QCK5 Datasheet
274Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H21A1 FAIRCHILD-H21A1 Datasheet
104Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00832 FAIRCHILD-QVE00832 Datasheet
72Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00034 FAIRCHILD-QVE00034 Datasheet
480Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
QVE00039 FAIRCHILD-QVE00039 Datasheet
116Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
MOC70P1 FAIRCHILD-MOC70P1 Datasheet
80Kb / 5P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com